Electronic Components Datasheet Search
  English  ▼

X  

TAS5142DDVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5142DDVR
Description  STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5142DDVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5142DDVR Datasheet HTML 7Page - Texas Instruments TAS5142DDVR Datasheet HTML 8Page - Texas Instruments TAS5142DDVR Datasheet HTML 9Page - Texas Instruments TAS5142DDVR Datasheet HTML 10Page - Texas Instruments TAS5142DDVR Datasheet HTML 11Page - Texas Instruments TAS5142DDVR Datasheet HTML 12Page - Texas Instruments TAS5142DDVR Datasheet HTML 13Page - Texas Instruments TAS5142DDVR Datasheet HTML 14Page - Texas Instruments TAS5142DDVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
TYPICAL CHARACTERISTICS, BTL CONFIGURATION
PVDD − Supply Voltage − V
0
10
20
30
40
50
60
70
80
90
100
110
120
0
4
8
12
16
20
24
28
32
8
Ω
4
Ω
TC = 75°C
THD+N @ 10%
6
Ω
G002
PO − Output Power − W
10
1
0.01
0.1
10
1
TC = 75°C
PVDD = 32 V
One Channel
100
4
Ω
6
Ω
8
Ω
G001
PVDD − Supply Voltage − V
0
10
20
30
40
50
60
70
80
90
100
110
120
0
4
8
12
16
20
24
28
32
8
Ω
4
Ω
TC = 75°C
6
Ω
G003
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80 100 120 140 160 180 200 220
6
Ω
4
Ω
TC = 25°C
8
Ω
G004
TAS5142
SLES126B – DECEMBER 2004 – REVISED MAY 2005
TOTAL HARMONIC DISTORTION + NOISE
OUTPUT POWER
vs
vs
OUTPUT POWER
SUPPLY VOLTAGE
Figure 1.
Figure 2.
UNCLIPPED OUTPUT POWER
SYSTEM EFFICIENCY
vs
vs
SUPPLY VOLTAGE
OUTPUT POWER
Figure 3.
Figure 4.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com