Electronic Components Datasheet Search
  English  ▼

X  

TMS44409 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS44409
Description  1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS44409 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS44409 Datasheet HTML 5Page - Texas Instruments TMS44409 Datasheet HTML 6Page - Texas Instruments TMS44409 Datasheet HTML 7Page - Texas Instruments TMS44409 Datasheet HTML 8Page - Texas Instruments TMS44409 Datasheet HTML 9Page - Texas Instruments TMS44409 Datasheet HTML 10Page - Texas Instruments TMS44409 Datasheet HTML 11Page - Texas Instruments TMS44409 Datasheet HTML 12Page - Texas Instruments TMS44409 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
TMS44409, TMS44409P
1048576-WORD BY 4-BIT
DYNAMIC RANDOM-ACCESS MEMORY
SMHS563 – JULY1995
9
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (continued)
’44409-60
’44409P-60
’44409-70
’44409P-70
’44409-80
’44409P-80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tRSH
Delay time, CAS low to RAS high
10
12
15
ns
tRWD
Delay time, RAS low to W low
85
98
110
ns
tREF
Refresh time interval
’44409
16
16
16
ms
tREF
Refresh time interval
’44409P
128
128
128
ms
tT
Transition time
2
50
2
50
2
50
ms
tWTH
Hold time, write low (test mode)
10
10
10
ns
tCHS
Hold time, CAS low after RAS high ( self refresh ) (TMS44409P only)
– 50
– 50
– 50
ns
tWTS
Setup time, write low (test mode)
10
10
10
ns
tCPS
CAS precharge before self refresh
0
0
0
ns
tRPS
RAS precharge after self refresh
110
130
150
ns
tRASS
Self-refresh entry from RAS low (TMS44409P only)
100
100
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com