Electronic Components Datasheet Search
  English  ▼

X  

MP6522GU Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP6522GU
Description  35V, 3.2A, H-Bridge Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6522GU Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP6522GU Datasheet HTML 3Page - Monolithic Power Systems MP6522GU Datasheet HTML 4Page - Monolithic Power Systems MP6522GU Datasheet HTML 5Page - Monolithic Power Systems MP6522GU Datasheet HTML 6Page - Monolithic Power Systems MP6522GU Datasheet HTML 7Page - Monolithic Power Systems MP6522GU Datasheet HTML 8Page - Monolithic Power Systems MP6522GU Datasheet HTML 9Page - Monolithic Power Systems MP6522GU Datasheet HTML 10Page - Monolithic Power Systems MP6522GU Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MP6522
– 35V, 3.2A, H-BRIDGE MOTOR DRIVER
1.0MP6522 Rev. 1.01
www.MonolithicPower.com
7
4/17/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
IN1
Control inputs. IN1 and IN2 have internal pull-down resistors.
24
IN2
2, 3,
16, 17
GND
System ground connection.
4
nSLEEP
Sleep mode input. Set nSLEEP to logic low to enter low-power sleep mode. nSLEEP
has an internal pull-down resistor.
5, 20,
21, 22
NC
No connection.
6, 7
OUT1
Output terminal 1.
8
ISET
Current programming resistor. Connect a resistor from ISET to ground to set the
current limit and VISEN output voltage.
9, 10, 11
VIN
Input supply voltage. Decouple VIN to GND with a ceramic capacitor
≥100nF to
GND.
12, 13
OUT2
Output terminal 2.
14
CPA
Charge pump flying capacitor. Connect a 100nF ceramic capacitor between CPA
and CPB.
15
CPB
18
VCP
Charge pump output. Connect a 100nF capacitor from VCP to VIN.
19
VISEN
Current sense output voltage.
23
nFAULT
Fault indication. nFAULT is an open-drain output. nFAULT is at logic low when in a
fault condition (OCP, OTP, OVP).
EP
GND
Exposed pad. The exposed pad must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com