Electronic Components Datasheet Search
  English  ▼

X  

MP6522GU Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6522GU
Description  35V, 3.2A, H-Bridge Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6522GU Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6522GU Datasheet HTML 1Page - Monolithic Power Systems MP6522GU Datasheet HTML 2Page - Monolithic Power Systems MP6522GU Datasheet HTML 3Page - Monolithic Power Systems MP6522GU Datasheet HTML 4Page - Monolithic Power Systems MP6522GU Datasheet HTML 5Page - Monolithic Power Systems MP6522GU Datasheet HTML 6Page - Monolithic Power Systems MP6522GU Datasheet HTML 7Page - Monolithic Power Systems MP6522GU Datasheet HTML 8Page - Monolithic Power Systems MP6522GU Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP6522
35V, 3.2A, H-Bridge Motor Driver
1.0MP6522 Rev. 1.01
www.MonolithicPower.com
1
4/17/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The MP6522 is an H-bridge motor driver that
operates from a supply voltage of up to 35V
and delivers a peak motor current of up to 3.2A.
The MP6522 is typically used to drive DC brush
motors.
An internal current-sensing circuit provides an
output with a voltage proportional to the load
current.
Additionally,
cycle-by-cycle
current
regulation and limiting is provided. These
features do not require the use of a low-ohm
shunt resistor.
Full protection features include over-current
protection (OCP), input over-voltage protection
(OVP), under-voltage lockout (UVLO), and
thermal shutdown.
The MP6522 is available in a 24-pin QFN
(5mmx5mm) package with an exposed thermal
pad.
FEATURES
 Wide 5.4V to 35V Input Voltage Range
 3.2A Maximum Output Current
 Internal, Full, H-Bridge Driver
 Cycle-by-Cycle Current Regulation and
Limiting
 Low On Resistance (HS: 300mΩ; LS:
300m
Ω)
 Simple, Versatile Logic Interfaces
 3.3V and 5V Compatible Logic Inputs
 Over-Current Protection (OCP)
 Over-Voltage Protection (OVP)
 Thermal Shutdown
 Under-Voltage Lockout (UVLO)
 Fault Indication Output
 Thermally
Enhanced
Surface-Mount
Package
 Available
in
a
QFN-24
(5mmx5mm)
Package
APPLICATIONS
 Solenoid Drivers
 DC Brush Motor Drives
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VCP
VIN
OUT1
OUT2
ISET
IN1
IN2
VIN
MP6522
GND
DCM
µC
VIN
nFAULT
CPA
CPB
nSLEEP
VISEN


Similar Part No. - MP6522GU

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6520 MPS-MP6520 Datasheet
749Kb / 15P
8V to 32V, 1.5A, Stepper Motor Driver with Integrated MOSFETs
MP6520GV MPS-MP6520GV Datasheet
749Kb / 15P
8V to 32V, 1.5A, Stepper Motor Driver with Integrated MOSFETs
MP6527 MPS-MP6527 Datasheet
1Mb / 24P
40V, 0.8A, 10-Channel, Half-Bridge Motor Driver with Serial Input Control
9/23/2021 Rev. 1.0
MP6527GF MPS-MP6527GF Datasheet
1Mb / 24P
40V, 0.8A, 10-Channel, Half-Bridge Motor Driver with Serial Input Control
9/23/2021 Rev. 1.0
MP6527GF-P MPS-MP6527GF-P Datasheet
1Mb / 24P
40V, 0.8A, 10-Channel, Half-Bridge Motor Driver with Serial Input Control
9/23/2021 Rev. 1.0
More results

Similar Description - MP6522GU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
H-bridge Motor Driver
logo
Cirrus Logic
SA60 CIRRUS-SA60 Datasheet
459Kb / 6P
H-Bridge Motor Driver/Amplifiers
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
H-bridge Motor Driver
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
H-bridge Motor Driver
logo
New Japan Radio
NJW4810 NJRC-NJW4810 Datasheet
143Kb / 1P
35V / 1A H-Bridge Driver
logo
ATMEL Corporation
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
H-bridge Motor Driver
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
Dual H-Bridge Motor Driver
logo
Monolithic Power System...
EV6515-F-00A MPS-EV6515-F-00A Datasheet
508Kb / 5P
2A, 35V, H-Bridge Motor Driver Evaluation Board
EV6516-F-00A MPS-EV6516-F-00A Datasheet
497Kb / 5P
2A, 35V, H-Bridge Motor Driver Evaluation Board
logo
Texas Instruments
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com