Electronic Components Datasheet Search
  English  ▼

X  

MP6522GU Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP6522GU
Description  35V, 3.2A, H-Bridge Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6522GU Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP6522GU Datasheet HTML 3Page - Monolithic Power Systems MP6522GU Datasheet HTML 4Page - Monolithic Power Systems MP6522GU Datasheet HTML 5Page - Monolithic Power Systems MP6522GU Datasheet HTML 6Page - Monolithic Power Systems MP6522GU Datasheet HTML 7Page - Monolithic Power Systems MP6522GU Datasheet HTML 8Page - Monolithic Power Systems MP6522GU Datasheet HTML 9Page - Monolithic Power Systems MP6522GU Datasheet HTML 10Page - Monolithic Power Systems MP6522GU Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MP6522
– 35V, 3.2A, H-BRIDGE MOTOR DRIVER
1.0MP6522 Rev. 1.01
www.MonolithicPower.com
9
4/17/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATION
The MP6522 is an H-bridge motor driver that
integrates four N-channel power MOSFETs with
3.2A of peak current capability. The MP6522
operates over a wide 5.4V to 35V input voltage
range and is designed to drive DC brush motors,
solenoids, and other loads.
Current Sensing
The
current
flowing
in
the
two
low-side
MOSFETs is sensed with an internal current-
sensing circuit. A voltage proportional to the
output current is sourced on VISEN.
The VISEN output voltage scaling is set by a
resistor connected between ISET and ground.
For 1A of output current, 100µA of current is
sourced into the resistor connected to VISEN.
For example, if a 10kΩ resistor is connected
between ISET and ground, the output voltage
on VISEN is 1V/A of output current.
The current is sensed when one of the low-side
MOSFETs is turned on, including during slow
decay (brake) mode.
The load current applied to VISEN should be
kept below 2mA with no more than 500pF of
capacitance.
Current Limit and Regulation
The current in the outputs is limited using
constant-off-time pulse-width modulation (PWM)
control circuitry.
In PWM, a diagonal pair of MOSFETs is turned
on initially and drives current through the load.
The current increases in the load, which is
sensed by the internal current-sense circuit. If
the
load
current
reaches
the
current-trip
threshold, the H-bridge switches to slow decay
mode with the two low-side MOSFETs turned
on.
After a fixed off-time (t
ITRIP), if the load current
falls at least 20% below the current-limit
threshold, the MOSFETs are re-enabled and
the cycle repeats. If the current is still higher
than this level, the off time is extended until the
current falls to 20% below the current limit
threshold.
The current-limit threshold is reached when
VISEN reaches 1.5V. For example, with a 10k
Ω
resistor from ISET to ground, the VISEN
voltage is 1V/A of output current. Therefore,
when the current reaches 1.5A, the VISET
voltage reaches 1.5V, and a current trip occurs.
During
current
regulation,
nFAULT
is
not
activated.
Blanking Time
There is often a current spike during start-up
due to the
body diode’s reverse-recovery
current or the shunt capacitance of the load.
This current spike requires filtering to prevent it
from erroneously shutting down the high-side
MOSFET. An internal fixed blanking time (tOCPD)
blanks
the
output
of
the
current-sense
comparator when the outputs are switched.
This blanking time also sets the minimum on
time for the high-side MOSFET.
Input Logic
For the MP6522, control of the outputs is
accomplished through IN1 and IN2 (see Table
1).
Table 1: Output Control Pins
IN1
IN2
OUT1
OUT2
Function
0
0
Z
Z
Coast
0
1
L
H
Forward
1
0
H
L
Reverse
1
1
L
L
Brake (low)
nSLEEP Operation
Driving nSLEEP low puts the device into a low-
power sleep state. In this state, all internal
circuits including the gate drive charge pump
are disabled, and the H-bridge outputs are
turned off. All inputs are ignored when nSLEEP
is active low. When waking up from sleep mode,
approximately 1ms of time must pass before
the outputs can operate.
Fault
The MP6522 provides an nFAULT pin, which is
driven active low if any protection circuits (over-
current, over-voltage, over-temperature) are
activated. nFAULT is not driven low when a
current-limit trip occurs. nFAULT is an open-
drain output and requires an external pull-up
resistor. When the fault condition is removed,
nFAULT is pulled inactive high by the pull-up
resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com