Electronic Components Datasheet Search
  English  ▼

X  

MP6522GU Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP6522GU
Description  35V, 3.2A, H-Bridge Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6522GU Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP6522GU Datasheet HTML 3Page - Monolithic Power Systems MP6522GU Datasheet HTML 4Page - Monolithic Power Systems MP6522GU Datasheet HTML 5Page - Monolithic Power Systems MP6522GU Datasheet HTML 6Page - Monolithic Power Systems MP6522GU Datasheet HTML 7Page - Monolithic Power Systems MP6522GU Datasheet HTML 8Page - Monolithic Power Systems MP6522GU Datasheet HTML 9Page - Monolithic Power Systems MP6522GU Datasheet HTML 10Page - Monolithic Power Systems MP6522GU Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MP6522
– 35V, 3.2A, H-BRIDGE MOTOR DRIVER
1.0MP6522 Rev. 1.01
www.MonolithicPower.com
10
4/17/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Over-Current Protection (OCP)
The
over-current
protection
(OCP)
circuit
protects
the
device
from
damaging
high
currents at the outputs. If the current through a
MOSFET exceeds the over-current threshold
for longer than the over-current deglitch time, all
MOSFETs in the H-bridge are disabled, and
nFAULT is driven low. The driver remains
disabled for the over-current retry time (tOCP), at
which
point
the
driver
is
re-enabled
automatically.
Over-current
conditions
are
sensed on both high- and low-side devices (i.e.:
a short to ground, supply, or across the motor
winding results in an over-current shutdown.
Note that OCP does not use the current-sense
circuitry used for PWM current control and is
independent of the ISET resistor value.
Over-Voltage Protection (OVP)
If the input voltage applied to VIN is higher than
the over-voltage protection (OVP) threshold, the
H-bridge output is disabled, and nFAULT is
driven low. This protection is released when
VIN drops to a safe level.
Input
Under-Voltage
Lockout
(UVLO)
Protection
If at any time the voltage on VIN falls below the
under-voltage lockout (UVLO) threshold, all
circuitry in the device is disabled, and the
internal logic is reset. Operation resumes when
VIN rises above the UVLO threshold.
Thermal Shutdown
If the die temperature exceeds the safe limits,
all MOSFETs in the H-bridge are disabled, and
nFAULT
is
driven
low.
Once
the
die
temperature has fallen to a safe level, operation
resumes automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com