Electronic Components Datasheet Search
  English  ▼

X  

VSC8121 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC8121
Description  2.488GHz SONET/SDH Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8121 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC8121 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8121
2.488GHz SONET/SDH
Clock Generator
Page 4
G52163-0, Rev 4.2
04/16/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Reference Clock Input
The input stage at the REFCLK input pin consists of ESD protection, followed by a current limiting circuit
which precedes a driver responsible for providing the signal to the phase frequency detector. As pictured below
in Figure 4, the driver has a high impedance, FET gate input. The additional resistance contributed by the cur-
rent limiting circuit is relatively negligible.
Figure 4: Reference Clock Input Diagram
Care should be taken in selection of the reference clock. Time jitter on the reference clock which is within
the PLL’s loop bandwidth will appear on the 2.5GHz output. Telecom quality crystal oscillators from vendors
such as Connor-Winfield or Vectron are suitable.
Table 1: Reference Clock Selection
Die Usage
Vitesse optionally provides this device in unpackaged, die-only format for multi-chip module and related
applications. For further informtion, please contact Vitesse.
REFSEL[1]
REFSEL[0]
Selected Reference
Frequency
Typical
Loop Bandwidth
0
0
51.84MHz
2500KHz
1
0
77.76MHz
3000KHz
Don’t Care
1
155.52MHz
5500KHz
VTT
VEE
VCC
REFCLK
Current
Limiting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com