Electronic Components Datasheet Search
  English  ▼

X  

VSC8121 Datasheet(PDF) 10 Page - Vitesse Semiconductor Corporation

Part # VSC8121
Description  2.488GHz SONET/SDH Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8121 Datasheet(HTML) 10 Page - Vitesse Semiconductor Corporation

Back Button VSC8121 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 14Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8121
2.488GHz SONET/SDH
Clock Generator
Page 10
G52163-0, Rev 4.2
04/16/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
NOTE: (1) Leave unconnected. Terminating these pins to GND, VEE or otherwise may have an adverse effect on the performance
of the device. (2) VCC pins 30 and 38 are internally connected to each other.
NC
40
-
-
Do not connect, leave open
(1)
NC
41
-
-
Do not connect, leave open
(1)
NC
42
-
-
Do not connect, leave open
(1)
NC
43
-
-
Do not connect, leave open
(1)
NC
44
-
-
Do not connect, leave open
(1)
Signal Name
Pin #
I/O
Level
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com