Electronic Components Datasheet Search
  English  ▼

X  

VSC8121 Datasheet(PDF) 6 Page - Vitesse Semiconductor Corporation

Part # VSC8121
Description  2.488GHz SONET/SDH Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8121 Datasheet(HTML) 6 Page - Vitesse Semiconductor Corporation

Back Button VSC8121 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 10Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8121
2.488GHz SONET/SDH
Clock Generator
Page 6
G52163-0, Rev 4.2
04/16/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
DC Characteristics
Table 3: Low Speed I/O
Table 4: High-Speed Differential Outputs
Note: Output jitter characteristics apply for differential outputs.
Table 5: Power Supply Currents
Parameter
Description
Min
Typ
Max
Units
Conditions
VOH
Output HIGH voltage (TTL)
2.4
——
VIOH = -1.0 mA
VOL
Output LOW voltage (TTL)
——
0.5
V
IOL = +1.0 mA
VIH
Input HIGH voltage (TTL)
2.0
—
3.47
V
—
VIL
Input LOW voltage (TTL)
0
—
0.8
V
—
IIH
Input HIGH current (TTL)
—
50
500
µAV
IN = 2.4V
IIL
Input LOW current (TTL)
——
-500
µAV
IN = 0.5V
Parameter
Description
Min
Typ
Max
Units
Conditions
VOD
Output differential voltage
450
—
800
mV
VOCM
Output common-mode voltage
VCC -
0.40
—
VCC -
0.25
mV
Termination #1
(See Figure 3)
VCC -
0.80
—
VCC -
0.50
mV
Termination #2
(See Figure 3)
VCC -
0.80
—
VCC -
0.50
mV
Termination #3
(See Figure 3)
Parameter
Description
Min
Typ
Max
Units
Conditions
ICC
Power supply current from VCC
200
mA
Outputs Open
PD
Power dissipation
0.7
W
Outputs Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com