Electronic Components Datasheet Search
  English  ▼

X  

W159 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # W159
Description  Spread Spectrum System FTG for SMP Systems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W159 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button W159 Datasheet HTML 3Page - Cypress Semiconductor W159 Datasheet HTML 4Page - Cypress Semiconductor W159 Datasheet HTML 5Page - Cypress Semiconductor W159 Datasheet HTML 6Page - Cypress Semiconductor W159 Datasheet HTML 7Page - Cypress Semiconductor W159 Datasheet HTML 8Page - Cypress Semiconductor W159 Datasheet HTML 9Page - Cypress Semiconductor W159 Datasheet HTML 10Page - Cypress Semiconductor W159 Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
W159
Document #: 38-07163 Rev. *A
Page 7 of 11
Note:
19. 3V33 clock is CPU/4 for CPU = 133 MHz and CPU/3 for CPU = 100 MHz.
3V33 Clock Outputs, 3V33_0:1 (Lump Capacitance Test Load = 30 pF)
Parameter
Description
Test Condition/Comments
Min.
Typ.
Max.
Unit
tP
Period
Measured on rising edge at 1.5V[19]
30
ns
tH
High Time
Duration of clock cycle above 2.4V
12
ns
tL
Low Time
Duration of clock cycle below 0.4V
12
ns
tR
Output Rise Edge Rate
Measured from 0.4V to 2.4V
1
4
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
1
4
V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.5V
45
55
%
tJC
Jitter, Cycle-to-Cycle
Measured on rising edge at 1.5V. Maximum difference of
cycle time between two adjacent cycles.
500
ps
tSK
Output Skew
Measured on rising edge at 1.5V
500
ps
tO
3V66 to 3V33 Clock
Skew
Covers all 3V66 outputs. Measured on rising edge at 1.5V.
3V66 leads 3V33 output.
1.5
3.0
ns
tq
CPU to 3V33 Clock
Skew
Covers all 3V33 outputs. Measured on rising edge at 1.5V.
CPU leads 3V33 output.
1.5
4.0
ns
fST
Frequency Stabilization
from Power-up (cold
start)
Assumes full supply voltage reached within 1 ms from
power-up. Short cycles exist prior to frequency stabilization.
3ms
Zo
AC Output Impedance
Average value during switching transition. Used for deter-
mining series termination value.
15
Ω
REF Clock Outputs, REF0:1 (Lump Capacitance Test Load = 20 pF)
Parameter
Description
Test Condition/Comments
Min.
Typ.
Max.
Unit
f
Frequency, Actual
Frequency generated by crystal oscillator
14.318
MHz
tR
Output Rise Edge Rate
Measured from 0.4V to 2.4V
0.5
2
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
0.5
2
V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.5V
45
55
%
fST
Frequency Stabilization from
Power-up (cold start)
Assumes full supply voltage reached within
1 ms from power-up. Short cycles exist prior to
frequency stabilization.
3ms
Zo
AC Output Impedance
Average value during switching transition. Used
for determining series termination value.
25
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com