Electronic Components Datasheet Search
  English  ▼

X  

W159 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # W159
Description  Spread Spectrum System FTG for SMP Systems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W159 Datasheet(HTML) 1 Page - Cypress Semiconductor

  W159 Datasheet HTML 1Page - Cypress Semiconductor W159 Datasheet HTML 2Page - Cypress Semiconductor W159 Datasheet HTML 3Page - Cypress Semiconductor W159 Datasheet HTML 4Page - Cypress Semiconductor W159 Datasheet HTML 5Page - Cypress Semiconductor W159 Datasheet HTML 6Page - Cypress Semiconductor W159 Datasheet HTML 7Page - Cypress Semiconductor W159 Datasheet HTML 8Page - Cypress Semiconductor W159 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Spread Spectrum System FTG for SMP Systems
W159
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
Document #: 38-07163 Rev. *A
Revised December 14, 2002
Features
• Maximized EMI suppression using Cypress’s spread
spectrum technology (0.5% down spread)
• Seven skew-controlled copies of CPU and 16.667-MHz
synchronous APIC output
• Two copies of fixed-frequency 33-MHz outputs
• Four copies of 66-MHz fixed-frequency outputs
• Two copies of CPU/2 outputs for synchronous memory
reference
• One copy of 48-MHz USB output
• Two copies of 14.31818-MHz reference clock
• Programmable to 133- or 100-MHz operation
• Power management control pins for clock stop and shut
down
• Available in 56-pin SSOP
Key Specifications
Supply Voltages: ...................................... VDDQ3 = 3.3V±5%
VDDQ2 = 2.5V±5%
CPU Output Jitter: ...................................................... 150 ps
CPUdiv2, 3V33, APIC Output Jitter: ............................ 250 ps
CPU, 3V33 Output Edge Rate:.................................. >1 V/ns
48-MHz, 3V66, REF Output Jitter:............................... 500 ps
CPU0:6, CPUdiv2_0:1 Output Skew: .......................... 175 ps
3V66, APIC0:6, 3V33 Output Skew:............................ 250 ps
CPU to 3V66 Output Offset: .......... 0.0 to 1.5 ns (CPU leads)
3V66 to 3V33 Output Offset: ........ 1.5 to 3.0 ns (3V66 leads)
CPU to APIC Output Offset: ............ 1 to 3.0 ns (CPU Leads)
CPU to 3V33 Output Offsets: ....... 1.5 to 4.0 ns (CPU Leads)
Logic inputs, except SEL133/100#, have 250-k
Ω pull-up resis-
tors.
Table 1. Pin Selectable Frequency
SEL133/100#
CPU0:6 (MHz)
PCI
1
133 MHz
33.3 MHz
0
100 MHz
33.3 MHz
Block Diagram
Pin Configuration
REF_[0:1]
CPU_[5:6]
CPUdiv2_[0:1]
3V66_[0:3]
XTAL
PLL 1
SPREAD#
X2
X1
3V33_[0:1]
APIC_[0:4]
48MHz
PLL2
OSC
÷2
Power
SEL133/100#
÷2/÷1.5
Down
Logic
÷4
2
2
2
4
2
5
1
PWRDWN#
÷2
FIXAPIC#
APIC_[5:6]
2
CPU_[0:4]
5
6W/4W#
APIC2
GND
APIC1
APIC0
VDDQ2
X1
X2
VDDQ3
REF0/FIXAPIC#*
REF1/TEST#*
GND
VDDQ3
GND
48MHz
VDDQ3
3V66_0
3V66_1
VDDQ3
GND
3V66_2
3V66_3
VDDQ3
3V33_0
3V33_1
APIC3
APIC4
VDDQ2
APIC5
APIC6
GND
SPREAD#*
VDDQ2
CPU0
CPU1
GND
GND
CPU2
CPU3
VDDQ2
VDDQ2
CPU4
CPU5
GND
GND
CPU6
VDDQ2
PWRDWN#*
GND
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
32
31
30
29
GND
6W/4W#*
VDDQ3
GND
CPUdiv2_0
CPUdiv2_1
VDDQ2
SEL133/100#
Note:
1.
Pins denoted by * have a 250 k
Ω pull-up resistor. Design
should not rely solely on internal pull-up resistor to set I/O
pins HIGH.
[1]


Similar Part No. - W159

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
W159B SPECTRALINEAR-W159B Datasheet
185Kb / 10P
Spread Spectrum System FTG for SMP Systems
More results

Similar Description - W159

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W161 CYPRESS-W161 Datasheet
117Kb / 9P
133-MHz Spread Spectrum FTG for Pentium II Platforms
October 13, 1999, rev.
W167B CYPRESS-W167B Datasheet
180Kb / 18P
133-MHz Spread Spectrum FTG for Pentium II Platforms
November 2, 1999
W199 CYPRESS-W199 Datasheet
154Kb / 14P
Spread Spectrum FTG for VIA Apollo Pro-133
October 19, 1999, rev
W210 CYPRESS-W210 Datasheet
162Kb / 14P
Spread Spectrum FTG for VIA K7 Chipset
April 11, 2000, rev. C
W216 CYPRESS-W216 Datasheet
154Kb / 14P
Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
October 27, 1999, rev
W230-03 CYPRESS-W230-03 Datasheet
175Kb / 15P
Spread Spectrum FTG for VIA K7 Chipset
W210H CYPRESS-W210H Datasheet
165Kb / 14P
Spread Spectrum FTG for VIA K7 Chipset
logo
SpectraLinear Inc
W159B SPECTRALINEAR-W159B Datasheet
185Kb / 10P
Spread Spectrum System FTG for SMP Systems
W254B SPECTRALINEAR-W254B Datasheet
235Kb / 16P
133MHz Spread Spectrum FTG for Mobile Pentium짰 III Platforms
logo
Cypress Semiconductor
W196 CYPRESS-W196_02 Datasheet
144Kb / 12P
Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com