Electronic Components Datasheet Search
  English  ▼

X  

EL7583IREZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL7583IREZ
Description  3-Channel DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7583IREZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL7583IREZ Datasheet HTML 1Page - Renesas Technology Corp EL7583IREZ Datasheet HTML 2Page - Renesas Technology Corp EL7583IREZ Datasheet HTML 3Page - Renesas Technology Corp EL7583IREZ Datasheet HTML 4Page - Renesas Technology Corp EL7583IREZ Datasheet HTML 5Page - Renesas Technology Corp EL7583IREZ Datasheet HTML 6Page - Renesas Technology Corp EL7583IREZ Datasheet HTML 7Page - Renesas Technology Corp EL7583IREZ Datasheet HTML 8Page - Renesas Technology Corp EL7583IREZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
EL7583
FN7335 Rev 5.00
Page 3 of 16
May 12, 2006
NEGATIVE REGULATED CHARGE PUMP (VOFF)
Most negative VOFF output depends on the magnitude of the VDDN input voltage (normally connected to VBOOST) and the external component
configuration (doubler or tripler)
VDDN
Supply Input for Negative Charge Pump
Usually connected to VBOOST output
5
17
V
IQ1(VDDN)
Quiescent Current - Shut-down
ENBN = 0V
1.2
10
µA
IQ2(VDDN)
Quiescent Current - Switching
ENBN = VDDB
2.3
5
mA
V(FBN)
Feedback Reference Voltage
-80
0
+80
mV
I(FBN)
Feedback Input Bias Current
Magnitude of input bias
0.1
µA
I(DRVN)
RMS DRVN Output Current
VDDN = 12V
60
mA
VDDN = 6V
15
mA
ILR_VOFF
Load Regulation
-15mA < IL < -5mA
-0.5
0.03
0.5
%/mA
FPUMP
Charge Pump Frequency
Frequency set by ROSC - see boost section
0.5*FOSC
ENABLE CONTROL LOGIC
VHI-ENX
Enable Input High Threshold
x = “BN”, “P”
1.6
V
VLO-ENX
Enable Input Low Threshold
x = “BN”, “P”
0.8
V
IL(EN”X”)
Logic Low Bias Current
X = “BN”, “P” = 0V
0.1
µA
IL(ENBN)
Logic High Bias Current
ENBN = 5V
7.5
15
µA
IL(ENP)
Logic High Bias Current
ENP = 5V
3.3
7.5
µA
OVER-TEMPERATURE PROTECTION
TOT
Over-temperature Threshold
130
°C
THYS
Over-temperature Hysteresis
40
°C
Electrical Specifications
VIN = 3.3V, VBOOST = 12V, ROSC = 100k, TA = 25°C Unless Otherwise Specified (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com