Electronic Components Datasheet Search
  English  ▼

X  

EL7583IREZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL7583IREZ
Description  3-Channel DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7583IREZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL7583IREZ Datasheet HTML 1Page - Renesas Technology Corp EL7583IREZ Datasheet HTML 2Page - Renesas Technology Corp EL7583IREZ Datasheet HTML 3Page - Renesas Technology Corp EL7583IREZ Datasheet HTML 4Page - Renesas Technology Corp EL7583IREZ Datasheet HTML 5Page - Renesas Technology Corp EL7583IREZ Datasheet HTML 6Page - Renesas Technology Corp EL7583IREZ Datasheet HTML 7Page - Renesas Technology Corp EL7583IREZ Datasheet HTML 8Page - Renesas Technology Corp EL7583IREZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
EL7583
FN7335 Rev 5.00
Page 2 of 16
May 12, 2006
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = 25°C)
VIN Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .14V
VDDB, VDDP, VDDN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .18V
LX Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .18V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . . 0.5A
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Die Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . 125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Operating Ambient Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VIN = 3.3V, VBOOST = 12V, ROSC = 100k, TA = 25°C Unless Otherwise Specified
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
DC/DC BOOST CONVERTER
IQ1_B
Quiescent Current - Shut-down
ENBN = ENP = 0V
0.8
10
µA
IQ2_B
Quiescent Current - Switching
ENBN = VDDB
4.8
8
mA
V(FBB)
Feedback Voltage
1.275
1.300
1.325
V
VREF
Reference Voltage
1.260
1.310
1.360
V
VROSC
Oscillator Set Voltage
1.260
1.325
1.390
V
I(FBB)
Feedback Input Bias Current
0.1
µA
VDDB
Boost Converter Supply Range
2.7
17
V
DMAX
Maximum Duty Cycle
85
92
%
I(LX)MAX
Peak Internal FET Current
1.75
A
RDS-ON
Switch On Resistance
at VBOOST = 10V, I(LX) total = 350mA
0.22
ILEAK-SWITCH
Switch Leakage Current
I(LX) total
1
µA
VBOOST
Output Range
VBOOST > VIN + VDIODE
517
V
VBOOST/VIN Line Regulation
2.7V < VIN < 13.2V, VBOOST = 15V
0.1
%
VBOOST/IO1 Load Regulation
50mA < IO1 < 250mA
0.5
%
FOSC-RANGE
Frequency Range
ROSC range = 240k to 60k
200
1000
kHz
FOSC1
Switching Frequency
ROSC = 100k
620
680
750
kHz
POSITIVE REGULATED CHARGE PUMP (VON)
Most positive VON output depends on the magnitude of the VDDP input voltage (normally connected to VBOOST) and the external component
configuration (doubler or tripler)
VDDP
Supply Input for Positive Charge Pump
Usually connected to VBOOST output
5
17
V
IQ1(VDDP)
Quiescent Current - Shut-down
ENP = 0V
11.5
20
µA
IQ2(VDDP)
Quiescent Current - Switching
ENBN = ENP = VDDB
2.3
5
mA
V(FBP)
Feedback Reference Voltage
1.245
1.310
1.375
V
I(FBP)
Feedback Input Bias Current
0.1
µA
I(DRVP)
RMS DRVP Output Current
VDDP = 12V
60
mA
VDDP = 6V
15
mA
ILR_VON
Load Regulation
5mA < IL < 15mA
-0.5
0.03
0.5
%/mA
FPUMP
Charge Pump Frequency
Frequency set by ROSC - see boost section
0.5*FOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com