Electronic Components Datasheet Search
  English  ▼

X  

EL7583IREZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # EL7583IREZ
Description  3-Channel DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7583IREZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button EL7583IREZ Datasheet HTML 6Page - Renesas Technology Corp EL7583IREZ Datasheet HTML 7Page - Renesas Technology Corp EL7583IREZ Datasheet HTML 8Page - Renesas Technology Corp EL7583IREZ Datasheet HTML 9Page - Renesas Technology Corp EL7583IREZ Datasheet HTML 10Page - Renesas Technology Corp EL7583IREZ Datasheet HTML 11Page - Renesas Technology Corp EL7583IREZ Datasheet HTML 12Page - Renesas Technology Corp EL7583IREZ Datasheet HTML 13Page - Renesas Technology Corp EL7583IREZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
EL7583
FN7335 Rev 5.00
Page 10 of 16
May 12, 2006
The following table gives typical values:
(Margins are considered 10%, 3%, 20%, 10%, and 15% on
VIN, VO, L, FS, and ILMT, respectively)
Component Considerations
Input Capacitor
It is recommended that CIN is larger than 10µF.
Theoretically, the input capacitor has ripple current of
IL.
Due to high-frequency noise in the circuit, the input current
ripple may exceed the theoretical value. Larger capacitor will
reduce the ripple further.
Boost Inductor
The inductor has peak and average current decided by:
The inductor should be chosen to be able to handle this
current. Furthermore, due to the fixed internal
compensation, it is recommended that maximum inductance
of 10µH and 15µH to be used in the 5V and 12V or higher
output voltage, respectively.
The output diode has average current of IO, and peak current
the same as the inductor's peak current. Schottky diode is
recommended and it should be able to handle those currents.
Feedback Resistor Network
An external resistor divider is required to divide the output
voltage down to the nominal reference voltage. Current
drawn by the resistor network should be limited to maintain
the overall converter efficiency. The maximum value of the
resistor network is limited by the feedback input bias current
and the potential for noise being coupled into the feedback
pin. A resistor network in the order of 200k
 is
recommended. The boost converter output voltage is
determined by the following relationship:
where VFBB is 1.300V.
A 1nF compensation capacitor across the feedback resistor
to ground is recommended to keep the converter in stable
operation at low output current and high frequency
conditions.
Schottky Diode
Speed, forward voltage drop, and reverse current are the
three most critical specifications for selecting the Schottky
diode. The entire output current flows through the diode, so
the diode average current is the same as the average load
current and the peak current is the same as the inductor
peak current. When selecting the diode, one must consider
the forward voltage drop at the peak diode current. On the
Elantec demo board, MBRM120 is selected. Its forward
voltage drop is 450mV at 1A forward current.
Output Capacitor
The EL7583 is specially compensated to be stable with
capacitors which have a worst-case minimum value of 10µF
at the particular VOUT being set. Output ripple voltage
requirements also determine the minimum value and the
type of capacitors. Output ripple voltage consists of two
components - the voltage drop caused by the switching
current though the ESR of the output capacitor and the
charging and discharging of the output capacitor:
For low ESR ceramic capacitors, the output ripple is
dominated by the charging/discharging of the output
capacitor.
In addition to the voltage rating, the output capacitor should
also be able to handle the RMS current is given by:
Positive and Negative Charge Pump (VON and
VOFF)
The EL7583 contains two independent charge pumps (see
charge pump block and connection diagram.) The negative
charge pump inverts the VDDN supply voltage and provides
a regulated negative output voltage. The positive charge
pump doubles the VDDP supply voltage and provides a
regulated positive output voltage. The regulation of both the
negative and positive charge pumps is generated by the
internal comparator that senses the output voltage and
compares it with and internal reference. The switching
frequency of the charge pump is set to ½ the boost converter
switching frequency.
The pumps use pulse width modulation to adjust the pump
period, depending on the load present. The pumps are short-
circuit protected to 180mA at 12V supply and can provide
15mA to 60mA for 6V to 12V supply.
TABLE 1. MAXIMUM CONTINUOUS OUTPUT CURRENT
VIN (V)
VO (V)
L (ΜH)
FS (kHz) IOMAX (mA)
3.3
9
10
1000
430
3.3
12
10
1000
320
3.3
15
10
1000
250
5
9
10
1000
650
5
12
10
1000
470
5
15
10
1000
370
12
18
10
1000
830
ILPK
ILAVG
IL
2
--------
+
=
ILAVG
IO
1 - D
-------------
=
VBOOST
R1 R2
+
R1
--------------------- VFBB
=
VRIPPLE
ILPK ESR
VOUT - VIN
VOUT
--------------------------------
+
IOUT
COUT FS
------------------------------
=
ICORMS
1
 - D 
D
IL
2
ILAVG
2
--------------------
+
1
12
------
ILAVG
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com