Electronic Components Datasheet Search
  English  ▼

X  

301682U050JS2 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 301682U050JS2
Description  High Capacitance and Ultra-Low ESR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

301682U050JS2 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  301682U050JS2 Datasheet HTML 1Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 2Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 3Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 4Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 5Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 6Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 7Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 8Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Type 300/301 –55 ºC to 105 ºC Long-Life, Switching Power Grade Radial
High Capacitance and Ultra-Low ESR
Case Dimensions
Case
Code
Insulated
D ± 0.015 (0.4 mm)
L ± 0.062 (1.6 mm)
D x L
Bare Can
Epoxy endseal
D ± 0.015 (0.4 mm)
L Max
L ± 0.030 (0.8 mm)
D x L
Lead Spacing
Type 300
Type 301
S1
T
S2
±0.020(0.5 mm) ±0.020(0.5 mm)
Lead Diameter
dia.
AWG
Case Dimensions in Inches
EG
EK
EM
EN
ER
FK
FF
FQ
FV
LQ
LV
GE
GJ
GL
GP
GS
GT
HE
HJ
HL
HP
HS
HT
JE
JJ
JL
JP
JS
JT
.512 x 0.846
.512 x 1.043
.512 x 1.102
.512 x 1.378
.512 x 1.732
.650 x 1.043
.650 x 1.319
.650 x 1.476
.650 x 1.634
.728 x 1.476
.728 x 1.634
.765 x 1.150
.765 x 1.650
.765 x 2.150
.765 x 2.650
.765 x 3.150
.765 x 3.650
.890 x 1.150
.890 x 1.650
.890 x 2.150
.890 x 2.650
.890 x 3.150
.890 x 3.650
1.015 x 1.150
1.015 x 1.650
1.015 x 2.150
1.015 x 2.650
1.015 x 3.150
1.015 x 3.650
0.906
0.492 x 0.787
1.142
0.492 x 0.984
1.161
0.492 x 1.043
1.417
0.492 x 1.319
1.791
0.492 x 1.673
1.098
0.630 x 0.984
1.417
0.630 x 1.260
1.575
0.630 x 1.417
1.669
0.630 x 1.575
1.575
0.709 x 1.417
1.693
0.709 x 1.575
1.212
0.750 x 1.125
1.712
0.750 x 1.625
2.212
0.750 x 2.125
2.712
0.750 x 2.625
3.212
0.750 x 3.125
3.712
0.750 x 3.625
1.212
0.875 x 1.125
1.712
0.875 x 1.625
2.212
0.875 x 2.125
2.712
0.875 x 2.625
3.212
0.875 x 3.125
3.712
0.875 x 3.625
1.212
1.000 x 1.125
1.712
1.000 x 1.625
2.212
1.000 x 2.125
2.712
1.000 x 2.625
3.212
1.000 x 3.125
3.712
1.000 x 3.625
0.197
0.098
0.197
0.197
0.098
0.197
0.197
0.098
0.197
0.197
0.098
0.197
0.197
0.098
0.197
0.295
0.148
0.295
0.295
0.148
0.295
0.295
0.148
0.295
0.295
0.148
0.295
0.295
0.148
0.295
0.295
0.148
0.295
0.200
0.300
0.300
0.200
0.300
0.300
0.200
0.300
0.300
0.200
0.300
0.300
0.200
0.300
0.300
0.200
0.300
0.300
0.300
0.400
0.300
0.300
0.400
0.300
0.300
0.400
0.300
0.300
0.400
0.300
0.300
0.400
0.300
0.300
0.400
0.300
0.300
0.400
0.400
0.300
0.400
0.400
0.300
0.400
0.400
0.300
0.400
0.400
0.300
0.400
0.400
0.300
0.400
0.400
0.032
20
0.032
20
0.032
20
0.032
20
0.032
20
0.032
20
0.032
20
0.032
20
0.032
20
0.032
20
0.032
20
0.040
18
0.040
18
0.040
18
0.040
18
0.040
18
0.040
18
0.040
18
0.040
18
0.040
18
0.040
18
0.040
18
0.040
18
0.040
18
0.040
18
0.040
18
0.040
18
0.040
18
0.040
18
Case Dimensions in Millimeters
EG
EK
EM
EN
ER
FK
FF
FQ
FV
LQ
LV
GE
GJ
GL
GP
GS
GT
HE
HJ
HL
HP
HS
HT
JE
JJ
HL
JP
JS
JT
13.0 x 21.5
13.0 x 26.5
13.0 x 28.0
13.0 x 35.0
13.0 x 44.0
16.5 x 26.5
16.5 x 33.5
16.5 x 37.5
16.5 x 41.5
18.5 x 37.5
18.5 x 41.5
19.4 x 29.2
19.4 x 41.9
19.4 x 54.6
19.4 x 67.3
19.4 x 80.0
19.4 x 92.7
22.6 x 29.2
22.6 x 41.9
22.6 x 54.6
22.6 x 67.3
22.6 x 80.0
22.6 x 92.7
25.8 x 29.2
25.8 x 41.9
25.8 x 54.6
25.8 x 67.3
25.8 x 80.0
25.8 x 92.7
23
12.5 x 20.0
29.0
12.5 x 25.0
29.5
12.5 x 26.5
36.0
12.5 x 33.5
45.5
12.5 x 42.5
27.9
16.0 x 25.0
36.0
16.0 x 32.0
40.0
16.0 x 36.0
42.4
16.0 x 40.0
40.0
18.0 x 36.0
43.0
18.0 x 40.0
30.8
19.1 x 28.6
43.5
19.1 x 41.3
56.2
19.1 x 54.0
68.9
19.1 x 66.7
81.6
19.1 x 79.4
94.3
19.1 x 92.1
30.8
22.2 x 28.6
43.5
22.2 x 41.3
56.2
22.2 x 54.0
68.9
22.2 x 66.7
81.6
22.2 x 79.4
94.3
22.2 x 92.1
30.8
25.4 x 28.6
43.5
25.4 x 41.3
56.2
25.4 x 54.0
68.9
25.4 x 66.7
81.6
25.4 x 79.4
94.3
25.4 x 92.1
5.00
2.50
5.00
5.00
2.50
5.00
5.00
2.50
5.00
5.00
2.50
5.00
5.00
2.50
5.00
7.50
3.75
7.50
7.50
3.75
7.50
7.50
3.75
7.50
7.50
3.75
7.50
7.50
3.75
7.50
7.50
3.75
7.50
5.08
7.62
7.62
5.08
7.62
7.62
5.08
7.62
7.62
5.08
7.62
7.62
5.08
7.62
7.62
5.08
7.62
7.62
7.62
10.16
7.62
7.62
10.16
7.62
7.62
10.16
7.62
7.62
10.16
7.62
7.62
10.16
7.62
7.62
10.16
7.62
7.62
10.16
10.16
7.62
10.16
10.16
7.62
10.16
10.16
7.62
10.16
10.16
7.62
10.16
10.16
7.62
10.16
10.16
0.81
20
0.81
20
0.81
20
0.81
20
0.81
20
0.81
20
0.81
20
0.81
20
0.81
20
0.81
20
0.81
20
1.02
18
1.02
18
1.02
18
1.02
18
1.02
18
1.02
18
1.02
18
1.02
18
1.02
18
1.02
18
1.02
18
1.02
18
1.02
18
1.02
18
1.02
18
1.02
18
1.02
18
1.02
18
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com