Electronic Components Datasheet Search
  English  ▼

X  

301682U050JS2 Datasheet(PDF) 8 Page - Cornell Dubilier Electronics

Part # 301682U050JS2
Description  High Capacitance and Ultra-Low ESR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

301682U050JS2 Datasheet(HTML) 8 Page - Cornell Dubilier Electronics

Back Button 301682U050JS2 Datasheet HTML 4Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 5Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 6Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 7Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 8Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 9Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 10Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 11Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 12Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Type 300/301 –55 ºC to 105 ºC Long-Life, Switching Power Grade Radial
High Capacitance and Ultra-Low ESR
Cap.
Catalog
(µF)
Part Number
ESR MAX
Ripple MAX
@ 25°C
@ 85ºC
120 Hz 20 kHz
120 Hz 20 kHz
(mΏ)
(A)
Nom Size
Insulated
D x L
(in)
2700 301272U050GS2
2700 301272U050HL2
2700 301R272U050HL2
52.3
21.4
4.75
6.99
56.9
23.3
4.07
6.00
44.5
16.0
4.61
7.24
.77 x 3.15
.895 x 2.15
.895 x 2.15
2700 301272U050JJ2
2700 301R272U050JJ2
3300 301R332U050GT2
66.0
31.7
3.54
4.82
57.2
22.3
3.81
5.75
38.4
15.7
5.90
8.69
1.02 x 1.65
1.02 x 1.65
.77 x 3.65
3300 301332U050GT2
3300 301332U050HP2
3300 301R332U050HP2
44.3
18.2
5.49
8.09
43.5
17.8
5.18
7.63
33.7
12.1
5.89
9.26
.77 x 3.65
.895 x 2.65
.895 x 2.65
3900 301392U050JL2
3900 301R392U050JL2
4700 301472U050HS2
44.9
21.6
4.93
6.71
32.4
12.6
5.81
8.77
35.6
14.6
6.25
9.21
1.02 x 2.15
1.02 x 2.15
.895 x 3.15
4700 301R472U050HS2
5600 301562U050HT2
5600 301R562U050HT2
27.3
9.8
7.14
11.20
30.4
12.5
7.23
10.60
23.1
8.3
8.30
13.00
.895 x 3.15
.895 x 3.65
.895 x 3.65
5600 301562U050JP2
5600 301R562U050JP2
6800 301682U050JS2
34.5
16.6
6.25
8.50
24.6
9.6
7.40
11.20
28.4
13.6
7.48
10.20
1.02 x 2.65
1.02 x 2.65
1.02 x 3.15
6800 301R682U050JS2
8200 301822U050JT2
8200 301R822U050JT2
20.0
7.8
8.91
13.40
24.4
11.7
8.67
11.80
17.0
6.6
10.40
15.70
1.02 x 3.15
1.02 x 3.65
1.02 x 3.65
63 Vdc (90 Vdc Surge)
120 301R121M063EG2
180 301R18lM063EK2
270 301R271M063EN2
451.0
93.0
0.73
1.60
298.0
90.0
1.01
1.83
160.0
55.0
1.44
2.46
.51 x .85
.51 x 1.04
.51 x 1.38
330 301R331M063FK2
390 301R391M063ER2
390 301391U063GE2
171.0
50.0
1.48
2.74
130.0
38.0
1.83
3.38
281.0
92.7
1.22
2.00
.65 x 1.04
.51 x 1.73
.77 x 1.15
390 301R391U063GE2
470 301R471M063FF2
560 301R561M063FQ2
243.0
80.3
1.31
2.15
142.0
43.0
1.80
3.27
120.0
35.0
2.05
3.80
.77 x 1.15
.65 x 1.32
.65 x 1.48
680 301R681M063FV2
680 301R681M063LQ2
680 301681U063HE2
113.0
32.0
2.06
3.87
103.0
29.0
2.21
4.17
185.0
70.5
1.65
2.52
.65 x 1.65
.73 x 1.48
.895 x 1.15
680 301R681U063HE2
820 301R821M063LV2
820 301821U063GJ2
161.0
53.0
1.77
2.90
90.0
29.0
2.69
4.74
142.0
46.7
1.89
3.11
.895 x 1.15
.73 x 1.63
.77 x 1.65
820 301R821U063GJ2
1000 301102U063JE2
1000 301R102U063JE2
123.0
40.5
2.03
3.34
144.0
63.2
1.95
2.78
124.0
43.5
2.10
3.34
.77 x 1.65
1.02 x 1.15
1.02 x 1.15
1200 301122U063GL2
1200 301R122U063GL2
1200 301122U063HJ2
95.2
31.4
2.89
4.75
82.5
27.2
3.11
5.10
93.8
35.6
2.74
4.19
.77 x 2.15
.77 x 2.15
.895 x 1.65
1200 301R122U063HJ2
81.3
26.8
2.94
4.83
.895 x 1.65
ESR MAX
Ripple MAX
@ 25°C
@ 85ºC
Cap.
Catalog
120 Hz 20 kHz 120 Hz 20 kHz
(µF)
Part Number
(mΏ)
(A)
Nom Size
Insulated
D x L
(in)
1500 301152U063GP2
72.3
23.8
3.70
6.07
1500 301R152U063GP2
62.6
20.7
3.97
6.52
1800 301182U063HL2
63.4
24.1
3.86
5.90
.77 x 2.65
.77 x 2.65
.895 x 2.15
1800 301R182U063HL2
50.1
16.5
4.34
7.13
1800 301182U063JJ2
72.8
32.0
3.37
4.80
1800 301R182U063JJ2
63.1
22.1
3.62
5.78
.895 x 2.15
1.02 x 1.65
1.02 x 1.65
2200 301222U063GS2
58.6
19.3
4.48
7.36
2200 301R222U063GS2
50.8
16.8
4.82
7.90
2200 301222U063GT2
49.6
16.4
5.19
8.53
.77 x 3.15
.77 x 3.15
.77 x 3.65
2200 301R222U063GT2
43.0
14.2
5.58
9.16
2700 301272U063HP2
48.4
18.4
4.92
7.52
2700 301R272U063HP2
37.9
12.5
5.55
9.11
.77 x 3.65
.895 x 2.65
.895 x 2.65
2700 301272U063JL2
49.5
21.8
4.70
6.68
2700 301R272U063JL2
36.3
12.7
5.48
8.74
3300 301332U063HS2
39.5
15.0
5.94
9.08
1.02 x 2.15
1.02 x 2.15
.895 x 3.15
3300 301R332U063HS2
30.7
10.1
6.73
11.10
3900 301392U063HT2
33.7
12.8
6.87
10.50
3900 301R392U063HT2
25.9
8.5
7.84
12.90
.895 x 3.15
.895 x 3.65
.895 x 3.65
3900 301392U063JP2
37.9
16.7
5.96
8.47
3900 301R392U063JP2
27.6
9.7
6.99
11.10
4700 301472U063JS2
31.1
13.7
7.15
10.20
1.02 x 2.65
1.02 x 2.65
1.02 x 3.15
4700 301R472U063JS2
22.4
7.8
8.42
13.40
5600 301562U063JT2
26.7
11.7
8.30
11.80
5600 301R562U063JT2
19.0
6.6
9.83
15.70
1.02 x 3.15
1.02 x 3.65
1.02 x 3.65
75 Vdc (100 Vdc Surge)
330 301331U075GE2
360.0 155.0
1.08
1.55
330 301R331U075GE2
312.0 134.0
1.16
1.66
470 301471U075HE2
234.0 108.0
1.47
2.04
.77 x 1.15
.77 x 1.15
.895 x 1.15
470 301R471U075HE2
203.0
87.3
1.57
2.26
560 301561U075GJ2
181.0
77.8
1.67
2.41
560 301R561U075GJ2
157.0
67.4
1.80
2.59
.895 x 1.15
.77 x 1.65
.77 x 1.65
680 301681U075JE2
178.0
88.8
1.76
2.34
680 301R681U075JE2
154.0
67.7
1.89
2.68
1000 301102U075GL2
122.0
52.3
2.56
3.68
1.02 x 1.15
1.02 x 1.15
.77 x 2.15
1000 301R102U075GL2
105.0
45.3
2.75
3.95
1000 301102U075HJ2
118.0
54.3
2.44
3.39
1000 301R102U075HJ2
102.0
44.0
2.62
3.77
.77 x 2.15
.895 x 1.65
.895 x 1.65
1200 301122U075GP2
92.0
39.5
3.28
4.71
1200 301R122U075GP2
79.7
34.3
3.52
5.06
1500 301152U075GS2
74.4
32.0
3.98
5.72
.77 x 2.65
.77 x 2.65
.77 x 3.15
1500 301R152U075GS2
64.4
27.7
4.27
6.15
1500 301152U075HL2
79.7
36.6
3.44
4.79
1500 301R152U075HL2
64.2
27.6
3.84
5.52
.77 x 3.15
.895 x 2.15
.895 x 2.15
1500 301152U075JJ2
89.9
44.9
3.04
4.05
1.02 x 1.65
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com