Electronic Components Datasheet Search
  English  ▼

X  

301682U050JS2 Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # 301682U050JS2
Description  High Capacitance and Ultra-Low ESR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

301682U050JS2 Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  301682U050JS2 Datasheet HTML 1Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 2Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 3Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 4Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 5Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 6Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 7Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 8Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Type 300/301 –55 ºC to 105 ºC Long-Life, Switching Power Grade Radial
High Capacitance and Ultra-Low ESR
Cap.
Catalog
(µF)
Part Number
ESR MAX
Ripple MAX
@ 25°C
@ 85ºC
120 Hz 20 kHz
120 Hz 20 kHz
(mΏ)
(A)
Nom Size
Insulated
D x L
(in)
7.5 Vdc (10 Vdc Surge)
33000 301R333U7R5JT2
10.6
5.9
13.10
16.60
1.02 x 3.65
10 Vdc (15 Vdc Surge)
1000 301R102M010EG2
1500 301R152M010EK2
1800 301R182M010EM2
216.0
77.0
1.07
1.80
200.0
64.0
1.07
1.90
122.0
62.0
1.58
2.21
.51 x .85
.51 x 1.04
.51 x 1.10
1800 301182U010GE2
1800 301R182U010GE2
2700 301R272M010EN2
153.0
81.2
1.65
2.14
133.0
70.3
1.77
2.30
111.0
59.0
1.66
2.28
.77 x 1.15
.77 x 1.15
.51 x 1.38
2700 301R272M010FK2
3300 301R332M010ER2
3300 301R332U010HE2
116.0
42.0
2.04
3.39
75.0
32.0
2.41
3.69
106.0
61.8
2.17
2.69
.65 x 1.04
.51 x 1.73
.895 x 1.15
3300 301332U010HE2
3900 301392U010GJ2
3900 301R392U010GJ2
92.3
50.8
2.33
2.97
77.6
41.1
2.56
3.31
67.3
35.7
2.75
3.56
.895 x 1.15
.77 x 1.65
.77 x 1.65
4700 301R472M010FF2
4700 301472U010JE2
4700 301R472U010JE2
87.0
38.0
2.29
3.47
88.3
56.5
2.49
2.94
76.5
42.8
2.68
3.37
.65 x 1.32
1.02 x 1.15
1.02 x 1.15
5600 301R562M010FQ2
5600 301562U010GL2
5600 301R562U010GL2
78.0
33.0
2.35
3.62
52.7
27.9
3.89
5.04
45.6
24.2
4.18
5.41
.65 x 1.48
.77 x 2.15
.77 x 2.15
6800 301R682M010LQ2
6800 301682U010HJ2
6800 301R682U010HJ2
71.0
31.0
2.92
4.42
54.3
31.5
3.60
4.46
47.1
25.9
3.87
4.92
.73 x 1.48
.895 x 1.65
.895 x 1.65
8200 301R882M010LV2
8200 301822U010GP2
8200 301R822U010GP2
60.0
26.0
3.30
5.01
40.3
21.4
4.95
6.41
34.9
18.5
5.32
6.89
.73 x 1.63
.77 x 2.65
.77 x 2.65
8200 301822U010JJ2
8200 301R822U010JJ2
10000 301103U010GS2
45.2
28.9
4.28
5.05
39.2
21.9
4.60
5.80
33.0
17.5
5.97
7.73
1.02 x 1.65
1.02 x 1.65
.77 x 3.15
10000 301R103U010GS2
10000 301103U010HL2
10000 301R103U010HL2
28.6
15.2
6.41
8.31
37.1
21.5
5.05
6.25
27.3
15.0
5.88
7.48
.77 x 3.15
.895 x 2.15
.895 x 2.15
12000 301123U010GT2
12000 301R123U010GT2
12000 301123U010HP2
28.3
15.0
6.88
8.91
24.5
13.0
7.39
9.57
28.7
16.6
6.39
7.91
.77 x 3.65
.77 x 3.65
.895 x 2.65
12000 301R123U010HP2
12000 301123U010JL2
12000 301R123U010JL2
20.8
11.5
7.49
9.53
31.0
19.9
5.93
6.99
20.3
11.4
7.33
9.23
.895 x 2.65
1.02 x 2.15
1.02 x 2.15
15000 301153U010HS2
15000 301R153U010HS2
18000 301183U010HT2
23.7
13.7
7.66
9.49
17.0
9.3
9.05
11.50
20.5
11.9
8.81
10.90
.895 x 3.15
.895 x 3.15
.895 x 3.65
18000 301R183U010HT2
18000 301183U010JP2
14.5
8.0
10.50
13.30
24.1
15.4
7.48
8.81
.895 x 3.65
1.02 x 2.65
ESR MAX
Ripple MAX
@ 25°C
@ 85ºC
Cap.
Catalog
120 Hz 20 kHz 120 Hz 20 kHz
(µF)
Part Number
(mΏ)
(A)
Nom Size
Insulated
D x L
(in)
18000 301R183U010JP2
15.6
8.7
9.29
11.70
22000 301223U010JS2
20.1
12.8
8.90
10.50
22000 301R223U010JS2
16.1
9.0
9.94
12.50
1.02 x 2.65
1.02 x 3.15
1.02 x 3.15
27000 301273U010JT2
17.5
11.2
10.30
12.10
27000 301R273U010JT2
11.0
6.2
12.90
16.30
1.02 x 3.65
1.02 x 3.65
16 Vdc (25 Vdc Surge)
820 301R821M016EG2
216.0
85.0
1.12
1.78
1200 301R122M016EM2
130.0
66.0
1.60
2.24
1500 301152U016GE2
159.0
80.9
1.62
2.14
.51 x .85
.51 x 1.10
.77 x 1.15
1500 301R152U016GE2
138.0
70.1
1.74
2.30
1800 301R182M016EN2
122.0
55.0
1.85
2.76
2200 301R222M016FK2
120.0
42.0
1.79
3.02
.77 x 1.15
.51 x 1.38
.65 x 1.04
2700 301R272M016ER2
82.0
32.0
1.66
2.65
2700 301272U016HE2
110.0
63.7
2.14
2.65
2700 301R272U016HE2
95.2
52.4
2.30
2.92
.51 x 1.73
.895 x 1.15
.895 x 1.15
3300 301R332M016FF2
78.0
32.0
2.42
3.78
3300 301332U016GJ2
80.4
41.0
2.51
3.32
3300 301R332U016GJ2
69.7
35.5
2.70
3.56
.65 x 1.32
.77 x 1.65
.77 x 1.65
3300 301332U016JE2
90.7
56.2
2.46
2.94
3300 301R332U016JE2
78.6
41.6
2.64
3.42
3900 301R392M016FQ2
75.0
32.0
2.59
3.97
1.02 x 1.15
1.02 x 1.15
.65 x 1.48
4700 301R472M016LQ2
74.0
32.0
2.85
4.34
4700 301472U016GL2
54.5
27.8
3.82
5.05
4700 301R472U016GL2
47.2
24.1
4.11
5.42
.73 x 1.48
.77 x 2.15
.77 x 2.15
4700 301472U016HJ2
56.0
32.5
3.55
4.39
4700 301R472U016HJ2
48.5
26.7
3.81
4.84
5600 301R562M016LV2
62.0
26.0
3.22
4.98
.895 x 1.65
.895 x 1.65
.73 x 1.63
5600 301562U016GP2
41.7
21.3
4.87
6.43
5600 301R562U016GP2
36.1
18.4
5.23
6.90
6800 301682U016HL2
38.2
22.2
4.97
6.15
.77 x 2.65
.77 x 2.65
.895 x 2.15
6800 301R682U016HL2
28.3
15.6
5.78
7.35
6800 301682U016JJ2
46.4
28.8
4.23
5.06
6800 301R682U016JJ2
40.2
21.3
4.54
5.88
.895 x 2.15
1.02 x 1.65
1.02 x 1.65
8200 301822U016GS2
34.1
17.4
5.87
7.75
8200 301R822U016GS2
29.6
15.1
6.31
8.33
10000 301103U016GT2
29.2
14.9
6.77
8.94
.77 x 3.15
.77 x 3.15
.77 x 3.65
10000 301R103U016GT2
25.3
12.9
7.27
9.60
10000 301103U016HP2
29.5
17.1
6.30
7.79
10000 301R103U016HP2
21.6
11.9
7.36
9.36
.77 x 3.65
.895 x 2.65
.895 x 2.65
10000 301103U016JL2
31.8
19.7
5.86
7.01
10000 301R103U016JL2
21.0
11.1
7.21
9.33
12000 301123U016HS2
24.4
14.1
7.55
9.35
1.02 x 2.15
1.02 x 2.15
.895 x 3.15
12000 301R123U016HS2
17.6
9.7
8.89
11.30
15000 301153U016HT2
21.1
12.2
8.69
10.80
.895 x 3.15
.895 x 3.65
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com