Electronic Components Datasheet Search
  English  ▼

X  

301682U050JS2 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 301682U050JS2
Description  High Capacitance and Ultra-Low ESR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

301682U050JS2 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  301682U050JS2 Datasheet HTML 1Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 2Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 3Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 4Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 5Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 6Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 7Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 8Page - Cornell Dubilier Electronics 301682U050JS2 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Please click here to see notice regarding “Longer life non RoHS parts”
Type 300/301 –55 ºC to 105 ºC Long-Life, Switching Power Grade Radial
High Capacitance and Ultra-Low ESR
The Types 300 and 301 are the wide-temperature, low-ESR
capacitors for power-supply outputs and UPS battery stifening.
The exceptionally low ESRs enable high ripple-current capability.
With series inductance of 12 to 16 nH and ripple currents to 16
amps one of these capacitors can save by replacing three or four
of the 12.5 mm diameter capacitors routinely at the output of
switching power supplies. Type 300 has three leads for rugged,
reverse-proof mounting, and Type 301 has two leads. Types
300R and 301R deliver even lower ESR and higher ripple.
Highlights
- 4000 hour load life
- Ripple Current to 16 amps
- ESRs to 6 mΩ
- > 90% capacitance at –40 °C
- Replaces multiple capacitors
Specifcations
Temperature Range
–55 °C to +105 °C
Rated Voltage Range
6.3 to 250 Vdc
Capacitance Range
8.2 µF to 33,000 µF
Capacitance Tolerance
6.3 to 100 Vdc; –10 + 75%, 160 to 250 Vdc; –10 +50%
Leakage Current
≤0.5 √CV µA, 4 mA max, 5 minutes
Ripple Current Multipliers
Ambient Temperature
Frequency
45 ºC
55 ºC
65 ºC
75 ºC
85 ºC
95 ºC
105 ºC
1.66
1.52
1.37
1.20
1.00
0.75
0.36
50 Hz 60 Hz 120
Hz
360
Hz 1 kHz 5 kHz
10 kHz
& up
Less than .77” Diameter
6.3 & 7.5 V
0.76
0.81
1.00 1.23 1.35
1.41
1.43
10 to 40 V
0.74
0.79
1.00 1.29 1.46
1.55
1.57
50V
0.72
0.78
1.00 1.33 1.54
1.67
1.69
63 & 75 V
0.71
0.76
1.00 1.38 1.64
1.82
1.86
100 to 250 V
0.68
0.74
1.00 1.51 2.00
2.51
2.67
.77” Diameter
6.3 & 7.5 V
0.82
0.86
1.00 1.15 1.21
1.24
1.25
10 to 40 V
0.78
0.83
1.00 1.20 1.30
1.35
1.36
50V
0.76
0.81
1.00 1.25 1.38
1.45
1.47
63 & 75 V
0.74
0.80
1.00 1.28 1.43
1.52
1.54
100 to 250 V
0.76
0.81
1.00 1.24 1.37
1.44
1.46
.895” Diameter
6.3 & 7.5 V
0.82
0.86
1.00 1.14 1.20
1.23
1.24
10 to 40 V
0.80
0.84
1.00 1.17 1.25
1.29
1.30
50V
0.75
0.80
1.00 1.27 1.42
1.50
1.52
63 & 75 V
0.75
0.80
1.00 1.26 1.40
1.48
1.50
100 to 250 V
0.76
0.81
1.00 1.25 1.38
1.46
1.48
1.02” Diameter
6.3 & 7.5 V
0.84
0.88
1.00 1.12 1.17
1.19
1.20
10 to 40 V
0.81
0.86
1.00 1.15 1.22
1.25
1.26
50V
0.76
0.81
1.00 1.23 1.35
1.42
1.44
63 & 75 V
0.77
0.81
1.00 1.23 1.35
1.42
1.44
100 to 250 V
0.76
0.81
1.00 1.24 1.37
1.44
1.46
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800


Similar Part No. - 301682U050JS2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
301682U050JS2 ETC2-301682U050JS2 Datasheet
487Kb / 11P
High Capacitance and Ultra-Low ESR
More results

Similar Description - 301682U050JS2

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37923K5100B060 EPCOS-B37923K5100B060 Datasheet
126Kb / 14P
Ultra-low ESR and high Q factor
logo
Kemet Corporation
T530D477M2R5AH4097 KEMET-T530D477M2R5AH4097 Datasheet
106Kb / 2P
High Capacitance/Ultra-Low ESR Tantalum Surface Mount Capacitor
logo
List of Unclassifed Man...
300152M6R3JS0E ETC2-300152M6R3JS0E Datasheet
487Kb / 11P
High Capacitance and Ultra-Low ESR
logo
M/A-COM Technology Solu...
MADS-002545-1307 MA-COM-MADS-002545-1307_15 Datasheet
608Kb / 4P
Ultra Low Parasitic Capacitance and Inductance
logo
Illinois Capacitor, Inc...
ALG ILLINOISCAPACITOR-ALG Datasheet
176Kb / 2P
Highest capacitance & Voltage, Low ESR
PHC ILLINOISCAPACITOR-PHC Datasheet
214Kb / 3P
Metallized polypropylene ??Low self inductance ??High capacitance ??Low ESR
logo
Cornell Dubilier Electr...
325 CDE-325_15 Datasheet
1Mb / 5P
High Temperature and Ultra-Low ESR
logo
Nichicon corporation
RE5 NICHICON-RE5 Datasheet
668Kb / 2P
Ultra-low ESR, Low Profile
RR5 NICHICON-RR5 Datasheet
660Kb / 2P
Ultra-low ESR
logo
Stackpole Electronics, ...
ESD SEI-ESD Datasheet
205Kb / 3P
Low and Ultra Low Capacitance ESD Suppressor
12/12/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com