Electronic Components Datasheet Search
  English  ▼

X  

ISL6140IBZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL6140IBZ
Description  Negative Voltage Hot Plug Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6140IBZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL6140IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 9Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ISL6140, ISL6150
FN9039 Rev 5.00
Page 10 of 20
December 3, 2015
the requirement, and are also readily available
standard values.
The three resistors (R4, R5, R6) is the recommended
approach for most cases. But if acceptable values can’t
be found, then consider 2 separate resistor dividers
(one for each pin; both from VDD to VEE). This also
allows the user to adjust or trim either trip point
independently.
Note that the top of the resistor dividers is shown in
Figure 29 as GND (Short pin). In a system where cards
are plugged into a backplane (or any other case where
pins are plugged into an edge connector) the user may
want to take advantage of the order in which pins
make contact. Typically, pins on either end of the card
make contact first (although you may not know which
end is first). If you combine that with designating a pin
near the center as the short pin GND, and make it
shorter than the rest, then it should be the last pin to
make contact.
The advantage of doing this: the VDD and VEE pin
connections are made first. The IC is powered up, but
since the top of the resistor divider is still open, both
the UV and OV pins are pulled low to VEE, which will
keep the gate off. This allows the IC time to get
initialized, and also allows the power supply to charge
up any input capacitance. By the time the resistor
divider makes contact, the power supply voltage on the
card is presumably stabilized, and the IC ready to
respond; when the UV pin reaches the proper voltage,
the IC will turn on the GATE of the FET, and starts the
controlled inrush current charging.
Note that this is not a requirement; if the IC gets
powered at the same time as the rest of the board, it
should be able to properly control the inrush current.
But if finer control is needed, there are many variables
involved to consider: the number of pins in the
connector; the lengths of the pins; the amount of
mechanical play in the pin-to-connector interface; the
amount of extra time versus the shorter pin length; the
amount of input capacitance versus the ability of the
power supply to charge it; the manufacturing cost
adder (if any) of different length pins; etc.
Applications: PWRGD/PWRGD
The PWRGD/PWRGD outputs are typically used to
directly enable a power module, such as a DC/DC
converter. The PWRGD (ISL6140) is used for modules
with active low enable (L version); PWRGD (ISL6150)
for those with active high enable (H version). The
modules usually have a pull-up device built-in, as well
as an internal clamp. If not, an external pull-up resistor
may be needed, since the output is open drain. If the
pin is not used, it can be left open.
For both versions, the PG comparator compares the
DRAIN pin to VEE (connected to the source of the FET);
if the voltage drop exceeds VPG (1.7V nominal), that
implies the drop across the FET is too high, and the
PWRGD pin should go in-active (power-NO-GOOD).
ISL6140 (L version; Figure 6): Under normal
conditions (DRAIN < VPG), the Q2 DMOS will turn on,
pulling PWRGD low, enabling the module.
When the DRAIN is too high, the Q2 DMOS will shut off
(high impedance), and the pin will be pulled high by
the external module (or an optional pull-up resistor or
equivalent), disabling the module. If a pull-up resistor
is used, it can be connected to any supply voltage that
doesn’t exceed the IC pin maximum ratings on the
high end, but is high enough to give acceptable logic
levels to whatever signal it is driving. An external
clamp may be used to limit the range.
The PWRGD can also drive an opto-coupler (such as a
4N25), as shown in Figure 7 or LED (Figure 8). In both
cases, they are on (active) when power is good.
Resistors R12 or R13 are chosen, based on the supply
voltage, and the amount of current needed by the
loads.
+
-
VEE
VPG (1.7V)
PWRGD
DRAIN
VDD
+
VIN+
VIN-
ON/OFF
VOUT+
VOUT-
CL
Q2
ACTIVE
ENABLE
MODULE
(SECTION OF) ISL6140
(L VERSION)
FIGURE 6. ACTIVE LOW ENABLE MODULE
LOW
OPTO
PWRGD
+
-
VEE
VPG
PWRGD
DRAIN
VDD
Q2
(SECTION OF) ISL6140
(L VERSION)
FIGURE 7. ACTIVE LOW ENABLE OPTO-ISOLATOR
(1.7V)
R12
LED (GREEN)
R13
+
-
VEE
VPG
PWRGD
DRAIN
VDD
Q2
(SECTION OF) ISL6140
(L VERSION)
FIGURE 8. ACTIVE LOW ENABLE WITH LED
(1.7V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com