Electronic Components Datasheet Search
  English  ▼

X  

ISL6140IBZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL6140IBZ
Description  Negative Voltage Hot Plug Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6140IBZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL6140IBZ Datasheet HTML 1Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 2Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 3Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 4Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 5Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ISL6140, ISL6150
FN9039 Rev 5.00
Page 2 of 20
December 3, 2015
Pin Configuration
ISL6140, ISL6150
(8 LD SOIC)
TOP VIEW
ISL6140 has active Low (L version) PWRGD output pin
ISL6150 has active High (H version) PWRGD output pin
Pin Description
PWRGD (ISL6140; L Version) Pin 1
This digital output is an open-drain pull-down device.
The Power Good comparator looks at the DRAIN pin
voltage compared to the internal VPG reference (VPG is
nominal 1.7V); this essentially measures the voltage
drop across the external FET and sense resistor. If the
voltage drop is small (<1.7V is normal), the PWRGD
pin pulls low (to VEE); this can be used as an active
low enable for an external module. If the voltage drop
is too large (>1.7V indicates some kind of short or
overload condition), the pull-down device shuts off,
and the pin becomes high impedance. Typically, an
external pull-up of some kind is used to pull the pin
high (many brick regulators have a pull-up function
built in).
PWRGD (ISL6150; H Version) Pin 1
This digital output is a variation of an open-drain
pull-down device. The power good comparator is the
same as described above, but the polarity of the output
is reversed, as follows:
OV
VEE
5
7
6
4
3
2
GATE
DRAIN
UV
SENSE
PWRGD/PWRGD 1
VDD
8
Ordering Information
PART
NUMBER
(Notes 2, 3)
PART MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6140CBZ
ISL61 40CBZ
0 to +70
8 Ld SOIC (Pb-Free)
M8.15
ISL6140CBZ-T (Note 1)
ISL61 40CBZ
0 to +70
8 Ld SOIC (Pb-Free)
M8.15
ISL6140IBZ-T (Note 1)
ISL61 40IBZ
-40 to +85
8 Ld SOIC (Pb-Free)
M8.15
ISL6140IBZ
ISL61 40IBZ
-40 to +85
8 Ld SOIC (Pb-Free)
M8.15
ISL6150CB No longer
available or supported,
recommended replacement:
ISL6150CBZ
ISL 6150CB
0 to +70
8 Ld SOIC (Pb-Free)
M8.15
ISL6150CBZ
ISL61 50CBZ
0 to +70
8 Ld SOIC (Pb-Free)
M8.15
ISL6150CBZ-T (Note 1)
ISL61 50CBZ
0 to +70
8 Ld SOIC (Pb-Free)
M8.15
ISL6150IB-T No longer
available or supported,
recommended replacement:
ISL6150IBZ-T
ISL 6150IB
-40 to +85
8 Ld SOIC (Pb-Free)
M8.15
ISL6150IBZ
ISL61 50IBZ
-40 to +85
8 Ld SOIC (Pb-Free)
M8.15
ISL6150IBZ-T (Note 1)
ISL61 50IBZ
-40 to +85
8 Ld SOIC (Pb-Free)
M8.15
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page forISL6140. For more information on MSL please see
techbrief TB363.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com