Electronic Components Datasheet Search
  English  ▼

X  

ISL6140IBZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL6140IBZ
Description  Negative Voltage Hot Plug Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6140IBZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6140IBZ Datasheet HTML 9Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 14Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 15Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 16Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ISL6140, ISL6150
FN9039 Rev 5.00
Page 13 of 20
December 3, 2015
Typical Performance Curves
FIGURE 10. IDD vs VDD
FIGURE 11. VGATE vs VDD
FIGURE 12. IDD vs VDD (<20V)
FIGURE 13. VGATE vs VDD (<20V)
FIGURE 14. IDD CURRENT (AT VDD = 80V)
FIGURE 15. GATE VOLTAGE (AT VDD = 80V)
0.0
0.2
0.4
0.6
0.8
1.0
0
20406080
100
VDD VOLTAGE (V)
0
3
6
9
12
15
0
2040
6080
100
VDD (V)
04
8
12
16
20
2
6
10
14
18
0.0
0.2
0.4
0.6
0.8
1.0
VDD VOLTAGE (V)
04
8
12
16
20
2
6
10
14
18
0
3
6
9
12
15
VDD (V)
0.85
0.87
0.89
0.91
0.93
0.95
-40
10
60
110
TEMPERATURE (°C)
13.5
13.7
13.9
14.1
14.3
14.5
-40
10
60
110
TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com