Electronic Components Datasheet Search
  English  ▼

X  

ISL6140IBZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL6140IBZ
Description  Negative Voltage Hot Plug Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6140IBZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL6140IBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 14Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 15Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 16Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 17Page - Renesas Technology Corp ISL6140IBZ Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ISL6140, ISL6150
FN9039 Rev 5.00
Page 14 of 20
December 3, 2015
FIGURE 16. GATE VOLTAGE (AT VDD = 17V)
FIGURE 17. GATE VOLTAGE (AT VDD = 10V)
FIGURE 18. GATE PULL-UP CURRENT
FIGURE 19. GATE PULL-DOWN CURRENT
FIGURE 20. PWRGD (ISL6140) VOL (AT 1mA)
VOLTAGE
FIGURE 21. PWRGD (ISL6150) IMPEDANCE (k)
Typical Performance Curves (Continued)
12.0
12.5
13.0
13.5
14.0
14.5
-40
10
60
110
TEMPERATURE (°C)
5.0
5.5
6.0
6.5
7.0
7.5
-40
10
60
110
TEMPERATURE (°C)
-0.058
-0.056
-0.054
-0.052
-0.050
-0.048
-40
10
60
110
TEMPERATURE (°C)
20
25
30
35
40
45
-40
10
60
110
TEMPERATURE (°C)
0.24
0.26
0.28
0.30
0.32
0.34
-40
10
60
110
TEMPERATURE (°C)
5.0
5.5
6.0
6.5
7.0
7.5
-40
10
60
110
TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com