Electronic Components Datasheet Search
  English  ▼

X  

ISL83202IPZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL83202IPZ
Description  55V, 1A Peak Current H-Bridge FET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL83202IPZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL83202IPZ Datasheet HTML 2Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 3Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 4Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 5Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 6Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 7Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 8Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 9Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ISL83202
FN6382 Rev.0.00
Page 6 of 12
December 20, 2006
Pin Descriptions
PIN
NUMBE
R
SYMBOL
DESCRIPTION
1
BHB
B High-side Bootstrap supply. External bootstrap diode and capacitor are required. Connect cathode of bootstrap diode
and positive side of bootstrap capacitor to this pin.
2
BHI
B High-side Input. Logic level input that controls BHO driver (Pin 16). BLI (Pin 3) high level input overrides BHI high level
input to prevent half-bridge shoot-through, see Truth Table. DIS (Pin 8) high level input overrides BHI high level input. The
pin can be driven by signal levels of 0V to 15V (no greater than VDD).
3
BLI
B Low-side Input. Logic level input that controls BLO driver (Pin 14). If BHI (Pin 2) is driven high or not connected externally
then BLI controls both BLO and BHO drivers, with dead time set by delay currents at DEL (Pin 5). DIS (Pin 8) high level
input overrides BLI high level input. The pin can be driven by signal levels of 0V to 15V (no greater than VDD).
4
ALI
A Low-side Input. Logic level input that controls ALO driver (Pin 13). If AHI (Pin 7) is driven high or not connected externally
then ALI controls both ALO and AHO drivers, with dead time set by delay currents at DEL (Pin 5). DIS (Pin 8) high level
input overrides ALI high level input. The pin can be driven by signal levels of 0V to 15V (no greater than VDD).
5
DEL
Turn-on DELay. Connect resistor from this pin to VSS to set timing current that defines the dead time between drivers. All
drivers turn-off with no adjustable delay, so the DEL resistor guarantees no shoot-through by delaying the turn-on of all
drivers. The voltage across the DEL resistor is approximately VDD -2V.
6VSS
Chip negative supply, generally will be ground.
7
AHI
A High-side Input. Logic level input that controls AHO driver (Pin 10). ALI (Pin 4) high level input overrides AHI high level
input to prevent half-bridge shoot-through, see Truth Table. DIS (Pin 8) high level input overrides AHI high level input. The
pin can be driven by signal levels of 0V to 15V (no greater than VDD).
8
DIS
DISable input. Logic level input that when taken high sets all four outputs low. DIS high overrides all other inputs. When
DIS is taken low the outputs are controlled by the other inputs. The pin can be driven by signal levels of 0V to 15V (no
greater than VDD).
9
AHB
A High-side Bootstrap supply. External bootstrap diode and capacitor are required. Connect cathode of bootstrap diode
and positive side of bootstrap capacitor to this pin.
10
AHO
A High-side Output. Connect to gate of A High-side power MOSFET.
11
AHS
A High-side Source connection. Connect to source of A High-side power MOSFET. Connect negative side of bootstrap
capacitor to this pin.
12
VDD
Positive supply to control logic and lower gate drivers. De-couple this pin to VSS (Pin 6).
13
ALO
A Low-side Output. Connect to gate of A Low-side power MOSFET.
14
BLO
B Low-side Output. Connect to gate of B Low-side power MOSFET.
15
BHS
B High-side Source connection. Connect to source of B High-side power MOSFET. Connect negative side of bootstrap
capacitor to this pin.
16
BHO
B High-side Output. Connect to gate of B High-side power MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com