Electronic Components Datasheet Search
  English  ▼

X  

ISL83202IPZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL83202IPZ
Description  55V, 1A Peak Current H-Bridge FET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL83202IPZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL83202IPZ Datasheet HTML 1Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 2Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 3Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 4Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 5Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 6Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 7Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 8Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FN6382 Rev.0.00
Page 1 of 12
December 20, 2006
FN6382
Rev.0.00
December 20, 2006
ISL83202
55V, 1A Peak Current H-Bridge FET Driver
DATASHEET
The ISL83202 is a medium-frequency H-Bridge FET driver
capable of 1A (typ) of peak drive current that is designed to
drive high- and low-side N-Channel MOSFETs in medium-
voltage applications. Optimized for PWM motor control and
uninterruptible power supply systems, the ISL83202 enables
simple and flexible bridge-based design. With typical input-
to-output propagation delays as low as 25ns and with a user-
programmable dead-time range of 0.1µs to 4.5µs, the
ISL83202 is ideal for switching frequencies up to 200kHz.
The dead-time of the ISL83202 is programmable via a single
resistor. The ISL83202's four independent driver control
inputs (ALI, AHI, BLI, and BHI) allow driving of every
possible switch combination except those that would cause
a shoot-through condition. A global disable input, DIS,
overrides input control and causes the ISL83202 to refresh
the bootstrap capacitor when pulled low. Integrated
undervoltage protection and shoot-through protection ensure
reliable system operation.
The ISL83202 is available in compact 16 Ld SOIC and 16 Ld
PDIP packages and operates over the range of -55°C to
+125°C.
Features
• Independently Drives 4 N-Channel FETs in Half Bridge or
Full Bridge Configurations
• Bootstrap Supply Max Voltage: 70VDC
• Drives a 1000pF Load in Free Air at +50°C with Rise and
Fall Times of 15ns (typ)
• User-Programmable Dead Time from 0.1 to 4.5
s
• DIS (Disable) Overrides Input Control and Refreshes
Bootstrap Capacitor when Pulled Low
• Input Logic Thresholds Compatible with 5V to 15V Logic
Levels
• Shoot-Through Protection
• Undervoltage Protection
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• UPS Systems
• DC Motor Controls
• Full Bridge Power Supplies
• Switching Power Amplifiers
• Noise Cancellation Systems
• Battery Powered Vehicles
• Peripherals
• Medium/Large Voice Coil Motors
• Related Literature
- TB363, Guidelines for Handling and Processing
Moisture Sensitive Surface Mount Devices (SMDs)
Pinout
ISL83202
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL83202IBZ
(Note)
83202IBZ
-55 to +125 16 Ld SOIC (N)
(Pb-free)
M16.15
ISL83202IBZT
(Note)
16 Ld SOIC (N) Tape and Reel
(Pb-free)
M16.15
ISL83202IPZ
(Note)
ISL83202IPZ -55 to +125 16 Ld PDIP**
(Pb-free)
E16.3
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of IPC/
JEDEC J STD-020.
**Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
BHB
BHI
BLI
ALI
DEL
VSS
DIS
AHI
BHO
BLO
ALO
VDD
AHS
AHO
AHB
BHS


Similar Part No. - ISL83202IPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83202IPZ INTERSIL-ISL83202IPZ Datasheet
227Kb / 12P
55V, 1A Peak Current H-Bridge FET Driver
December 20, 2006
ISL83202IPZ INTERSIL-ISL83202IPZ Datasheet
230Kb / 12P
55V, 1A Peak Current H-Bridge FET Driver
December 20, 2006
More results

Similar Description - ISL83202IPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83202 INTERSIL-ISL83202 Datasheet
227Kb / 12P
55V, 1A Peak Current H-Bridge FET Driver
December 20, 2006
logo
New Japan Radio
NJW4810 NJRC-NJW4810 Datasheet
143Kb / 1P
35V / 1A H-Bridge Driver
logo
Intersil Corporation
HIP4082 INTERSIL-HIP4082 Datasheet
308Kb / 12P
80V, 1.25A Peak Current H-Bridge FET Driver
HIP4082IBZT INTERSIL-HIP4082IBZT Datasheet
302Kb / 12P
80V, 1.25A Peak Current H-Bridge FET Driver
January 3, 2006
logo
Texas Instruments
LMD18201T TI1-LMD18201T Datasheet
476Kb / 17P
3A, 55V H-Bridge
logo
National Semiconductor ...
LMD18200T NSC-LMD18200T Datasheet
347Kb / 14P
3A, 55V H-Bridge
logo
Intersil Corporation
HIP4082IB INTERSIL-HIP4082IB Datasheet
309Kb / 14P
80V, 1.25A Peak Current H-Bridge FET Driver
September 30, 2015
ISL83202IBZ INTERSIL-ISL83202IBZ Datasheet
230Kb / 12P
55V, 1A Peak Current H-Bridge FET Driver
December 20, 2006
logo
ON Semiconductor
NCV7702B ONSEMI-NCV7702B_07 Datasheet
113Kb / 9P
1A Dual H-Bridge Driver
October, 2007 - Rev. 1
logo
Renesas Technology Corp
HIP4082 RENESAS-HIP4082 Datasheet
624Kb / 14P
80V, 1.25A Peak Current H-Bridge FET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com