Electronic Components Datasheet Search
  English  ▼

X  

ISL83202IPZ Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL83202IPZ
Description  55V, 1A Peak Current H-Bridge FET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL83202IPZ Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL83202IPZ Datasheet HTML 4Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 5Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 6Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 7Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 8Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 9Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 10Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 11Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ISL83202
FN6382 Rev.0.00
Page 9 of 12
December 20, 2006
FIGURE 10. VOL vs BIAS VOLTAGE AND TEMPERATURE
FIGURE 11. UNDERVOLTAGE TRIP VOLTAGES vs
TEMPERATURE
FIGURE 12. UPPER LOWER TURN-ON/TURN-OFF
PROPAGATION DELAY vs TEMPERATURE
FIGURE 13. UPPER/LOWER DIS(ABLE) TO TURN-ON/OFF vs
TEMPERATURE (°C)
FIGURE 14. FULL BRIDGE LEVEL-SHIFT CURRENT vs
FREQUENCY (kHz)
FIGURE 15. MAXIMUM POWER DISSIPATION vs AMBIENT
TEMPERATURE
Performance Curves (Continued)
8
9
10
11
12
13
14
1.4
VDD SUPPLY VOLTAGE (V)
15
1.2
0.8
0.6
-55°C
-40°C
0°C
+25°C
+125°C
+150°C
1
-60
-40
-20
0
20
40
60
80
100 120
140 160
5
5.5
6
6.5
7
7.5
8
JUNCTION TEMPERATURE (°C)
LOWER U/V RESET
LOWER U/V SET
UPPER U/V SET/RESET
-60 -40
-20
0
20
40
60
80
100
120 140 160
20
30
40
50
60
70
80
90
100
JUNCTION TEMPERATURE (°C)
UPPER tON
UPPER tOFF
LOWER tON
LOWER tOFF
-60 -40
-20
0
20
40
60
80
100 120 140 160
10
100
104
JUNCTION TEMPERATURE (°C)
1000
DISHTON
DISHTOFF
DISLTON
DISLOFF
0
20
40
60
80
100
0.5
1
1.5
2
SWITCHING FREQUENCY (kHz)
-60
-30
0
30
60
90
120
150
0
0.5
1
1.5
2
2.5
AMBIENT TEMPERATURE (°C)
SOIC
16 PIN DIP
QUIESCENT BIAS COMPONENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com