Electronic Components Datasheet Search
  English  ▼

X  

ISL83202IPZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL83202IPZ
Description  55V, 1A Peak Current H-Bridge FET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL83202IPZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL83202IPZ Datasheet HTML 4Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 5Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 6Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 7Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 8Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 9Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 10Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 11Page - Renesas Technology Corp ISL83202IPZ Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ISL83202
FN6382 Rev.0.00
Page 8 of 12
December 20, 2006
Performance Curves
FIGURE 4. IDD SUPPLY CURRENT vs TEMPERATURE AND
VDD SUPPLY VOLTAGE
FIGURE 5. VDD SUPPLY CURRENT vs TEMPERATURE AND
SWITCHING FREQUENCY (1000pF LOAD)
FIGURE 6. FLOATING (IXHB) BIAS CURRENT vs
FREQUENCY AND LOAD
FIGURE 7. GATE SOURCE/SINK PEAK CURRENT vs BIAS
SUPPLY VOLTAGE AT +25°C
FIGURE 8. GATE CURRENT vs TEMPERATURE,
NORMALIZED TO +25°C
FIGURE 9. VDD-VOH vs BIAS VOLTAGE TEMPERATURE
-60
-40
-20
0
20
40
60
80
100
120 140
1.5
1.75
2
2.25
2.5
2.75
3
3.25
3.5
JUNCTION TEMPERATURE (°C)
VDD = 16V
VDD = 15V
VDD = 12V
VDD = 10V
VDD = 8V
-60
-40
-20
0
20
40
60
80
100
120
140
4
5
6
7
8
9
10
11
12
13
14
15
16
JUNCTION TEMPERATURE (°C)
200kHz
100kHz
50kHz
10kHz
0
50
100
150
200
0
1
2
3
4
5
6
7
8
FREQUENCY (kHz)
1000pF LOAD
NO LOAD
8
9
10
11
12
13
14
15
0.5
0.75
1
1.25
1.5
1.75
BIAS SUPPLY VOLTAGE (V) AT +25°C
BIAS
2
SOURCE and SINK
-75
-50
-25
0
25
50
75
100
125 150
0.8
0.9
1
1.1
1.2
JUNCTION TEMPERATURE (°C)
8
9
10
11
12
13
14
15
0.6
1
1.4
VDD SUPPLY VOLTAGE (V)
1.2
0.8
-55°C
-40°C
0°C
+25°C
+125°C
+150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com