Electronic Components Datasheet Search
  English  ▼

X  

EL4581CSZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL4581CSZ
Description  Sync Separator, 50% Slice, S-H, Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4581CSZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL4581CSZ Datasheet HTML 1Page - Renesas Technology Corp EL4581CSZ Datasheet HTML 2Page - Renesas Technology Corp EL4581CSZ Datasheet HTML 3Page - Renesas Technology Corp EL4581CSZ Datasheet HTML 4Page - Renesas Technology Corp EL4581CSZ Datasheet HTML 5Page - Renesas Technology Corp EL4581CSZ Datasheet HTML 6Page - Renesas Technology Corp EL4581CSZ Datasheet HTML 7Page - Renesas Technology Corp EL4581CSZ Datasheet HTML 8Page - Renesas Technology Corp EL4581CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
EL4581
FN7172 Rev 2.00
Page 3 of 10
November 12, 2010
Pin Descriptions
PIN NUMBER
PIN NAME
FUNCTION
1
Composite Sync Out
Composite sync pulse output. Sync pulses start on a falling edge and end on a rising edge.
2
Composite Video in
AC coupled composite video input. Sync tip must be at the lowest potential (Positive picture phase).
3
Vertical Sync Out
Vertical sync pulse output. The falling edge of Vert Sync is the start of the vertical period.
4
GND
Supply ground.
5
Burst/Back Porch Output
Burst/Back porch output. Low during burst portion of composite video.
6
RSET (Note 8)
An external resistor to ground sets all internal timing. 681k, 1% resistor will provide correct timing
for NTSC signals.
7
Odd/Even Output
Odd/Even field output. Low during odd fields, high during even fields. Transitions occur at start of
Vert Sync pulse.
8V
DD 5V
Positive supply. (5V)
NOTE:
8. RSET must be a 1% resistor.
Typical Performance Curves
FIGURE 1. RSET vs HORIZONTAL FREQUENCY
FIGURE 2. BACK PORCH CLAMP, ON-TIME vs RSET
FIGURE 3. VERTICAL PULSE WIDTH vs RSET
FIGURE 4. VERTICAL DEFAULT DELAY, TIME vs RSET
FIGURE 5. VERTICAL PULSE WIDTH vs TEMPERATURE
FIGURE 6. SUPPLY CURRENT vs TEMPERATURE
1000
900
800
700
600
500
400
300
200
100
10
15
20
25
30
35
40
45
50
FREQUENCY (kHz)
CLAMP TIME (µs)
02
46
8
10
200
400
600
800
1000
0
200
400
600
800
1000
0
0
200
400
100
300
500
VERTICAL PULSE WIDTH (µs)
200
400
600
800
1000
0
DELAY TIME (µs)
040
80
20
60
100
150
200
250
300
350
-55
5
65
-25
35
95
125
TEMPERATURE (°C)
0.5
1.0
1.5
2.0
-55
5
65
-25
35
95
125
TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com