Electronic Components Datasheet Search
  English  ▼

X  

EL4581CSZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL4581CSZ
Description  Sync Separator, 50% Slice, S-H, Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4581CSZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL4581CSZ Datasheet HTML 1Page - Renesas Technology Corp EL4581CSZ Datasheet HTML 2Page - Renesas Technology Corp EL4581CSZ Datasheet HTML 3Page - Renesas Technology Corp EL4581CSZ Datasheet HTML 4Page - Renesas Technology Corp EL4581CSZ Datasheet HTML 5Page - Renesas Technology Corp EL4581CSZ Datasheet HTML 6Page - Renesas Technology Corp EL4581CSZ Datasheet HTML 7Page - Renesas Technology Corp EL4581CSZ Datasheet HTML 8Page - Renesas Technology Corp EL4581CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
EL4581
FN7172 Rev 2.00
Page 4 of 10
November 12, 2010
FIGURE 7. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 8. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 9. INPUT SIGNAL = 300mVP-P, EL4581 FILTER CHARACTERISITIC CONSTANT DELAY 240ns
Typical Performance Curves
2.0
1.8
1.6
1.4
1.2
0.8
0.6
0.4
0.2
0
1.0
0
25
50
75
100
125
150
PACKAGE POWER DISSIPATION VS
AMBIENT TEMPERATURE
JEDEC JESD51-7 HIGH EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
AMBIENT TEMPERATURE (°C)
85
1.471W
1.136W
SO8
JA = 110°C/W
PDIP8
JA = 85°C/W
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
PACKAGE POWER DISSIPATION VS
AMBIENT TEMPERATURE
JEDEC JESD51-3 LOW EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
AMBIENT TEMPERATURE (°C)
1.25W
781mW
85
SO8
JA = 160°C/W
PDIP8
JA = 100°C/W
-25
-20
-15
-5
0
-30
-35
-10
100k
2M
10M
1M
4M
FREQUENCY (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com