Electronic Components Datasheet Search
  English  ▼

X  

EL4581CSZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL4581CSZ
Description  Sync Separator, 50% Slice, S-H, Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4581CSZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL4581CSZ Datasheet HTML 1Page - Renesas Technology Corp EL4581CSZ Datasheet HTML 2Page - Renesas Technology Corp EL4581CSZ Datasheet HTML 3Page - Renesas Technology Corp EL4581CSZ Datasheet HTML 4Page - Renesas Technology Corp EL4581CSZ Datasheet HTML 5Page - Renesas Technology Corp EL4581CSZ Datasheet HTML 6Page - Renesas Technology Corp EL4581CSZ Datasheet HTML 7Page - Renesas Technology Corp EL4581CSZ Datasheet HTML 8Page - Renesas Technology Corp EL4581CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
EL4581
FN7172 Rev 2.00
Page 2 of 10
November 12, 2010
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VCC Supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pin Voltages . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VCC +0.5V
Operating Conditions
Operating Temperature Range . . . . . . . . . . . . . . . . .-40°C to +85°C
Maximum Power Dissipation. . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Maximum Junction Temperature. . . . . . . . . . . . . . . . . . . . . . . . . +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
Unless otherwise stated, VDD = 5V, TA = +25°C, RSET = 680k.
PARAMETER
DESCRIPTION
TEMP (°C)
MIN
(Note 7)
TYP
MAX
(Note 7)
UNIT
IDD
VDD = 5V (Note 1)
+25
0.75
1.7
3
mA
Clamp Voltage
Pin 2, Unloaded
+25
1.3
1.5
1.9
V
Discharge Current
Pin 2 = 2V
+25
6
10
20
µA
Clamp Charge Current
Pin 2, VIN = 1V
+25
2
3
mA
Ref Voltage
Pin 6, VDD = 5V (Note 2)
+25
1.5
1.8
2.1
V
VOL Output Low Voltage
IOL = 1.6mA
+25
800
mV
VOH Output High Voltage
IOH = -40µA
+25
4
V
IOH = -1.6mA
+25
2.4
V
NOTES:
1. No video signal, outputs unloaded.
2. Tested for VDD 5V ±5%.
Dynamic Specifications
VDD = 5V, IVP-P video, TA = +25°C, CL = 15pF, IOH = -1.6mA, IOL = 1.6mA. Signal voltages are peak to peak.
PARAMETER
DESCRIPTION
TEMP (°C)
MIN
(Note 7)
TYP
MAX
(Note 7)
UNIT
Vertical Sync Width, tVS
(Note 3)
+25
190
230
300
µs
Burst/Back Porch Width, tB
(Note 3)
+25
2.5
3.5
4.5
µs
Vertical Sync Default Delay tVSD
+25
405570
µs
Filter Attenuation
FIN = 3.4MHz (Note 4)
+25
24
dB
Composite Sync Prop Delay
VIN- Composite Sync (Note 3)
+25
260
400
ns
Input Dynamic Range
Peak-to-Peak NTSC Signal (Note 5)
+25
0.5
2
V
Slice Level
Input Voltage = 1VP-P
+25
405060
%
(Note 6)
Full
40
50
60
%
NOTES:
3. C/S, Vertical and Burst outputs are all active low (VOH = 2.4V, VOL = 0.8V).
4. Attenuation is a function of RSET (PIN 6).
5. Typical min is 0.3VP-P.
6. Refers to threshold level of sync tip to back porch amplitude.
7. Parts are 100% tested at +25°C. Over-temperature limits established by characterization and are not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com