Electronic Components Datasheet Search
  English  ▼

X  

EL5166 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL5166
Description  1.4GHz Current Feedback Amplifiers with Enable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5166 Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL5166 Datasheet HTML 1Page - Renesas Technology Corp EL5166 Datasheet HTML 2Page - Renesas Technology Corp EL5166 Datasheet HTML 3Page - Renesas Technology Corp EL5166 Datasheet HTML 4Page - Renesas Technology Corp EL5166 Datasheet HTML 5Page - Renesas Technology Corp EL5166 Datasheet HTML 6Page - Renesas Technology Corp EL5166 Datasheet HTML 7Page - Renesas Technology Corp EL5166 Datasheet HTML 8Page - Renesas Technology Corp EL5166 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
EL5166, EL5167
FN7365 Rev 6.00
Page 4 of 16
September 14, 2010
SUPPLY
ISON
Supply Current - Enabled
No load, VIN = 0V
7.5
8.5
9.3
mA
ISOFF+
Supply Current - Disabled
No load, VIN = 0V
1
4
25
µA
ISOFF-
Supply Current - Disabled
No load, VIN = 0V
-25
-14
-1
µA
PSRR
Power Supply Rejection Ratio
DC, VS = ±4.75V to ±5.25V
70
50
dB
-IPSR
- Input Current Power Supply Rejection
DC, VS = ±4.75V to ±5.25V
-0.5
0.2
1
µA/V
ENABLE (EL5166 ONLY)
tEN
Enable Time
170
ns
tDIS
Disable Time
1.25
µs
IIHCE
CE Pin Input High Current
CE = VS+0
-1
µA
IILCE
CE Pin Input Low Current
CE = VS-
1
13
25
µA
VIHCE
CE Input High Voltage for Power-down
VS+ -1
V
VILCE
CE Input Low Voltage for Power-down
VS+ -3
V
NOTE:
3. Standard NTSC test, AC signal amplitude = 286mV, f = 3.58MHz.
Electrical Specifications
VS+ = +5V, VS- = -5V, RF = 392 for AV = 1, RF = 250 for AV = 2, RL = 150, TA = +25°C
Unless Otherwise Specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. FREQUENCY RESPONSE AS THE FUNCTION OF
RF
FIGURE 2. FREQUENCY RESPONSE AS THE FUNCTION OF
THE GAIN
0
3
4
5
-5
-4
-3
-2
-1
1
2
100k
10M
100M
1G
FREQUENCY (Hz)
1M
RF = 392
RF = 662
RF = 511
RF = 608
RF = 698
RF = 806
RF = 900 RF = 1k
VCC = 5V
VEE = -5V
RL = 150
RF = 368
100k
10M
100M
1G
FREQUENCY (Hz)
1M
4
3
2
1
0
-3
-5
-1
-2
-4
-6
RG = 43
VCC = 5V
VEE = -5V
RL = 150
RF = 392
RG = 93
RG = 186
RG = 392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com