Electronic Components Datasheet Search
  English  ▼

X  

EL5166 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # EL5166
Description  1.4GHz Current Feedback Amplifiers with Enable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5166 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button EL5166 Datasheet HTML 8Page - Renesas Technology Corp EL5166 Datasheet HTML 9Page - Renesas Technology Corp EL5166 Datasheet HTML 10Page - Renesas Technology Corp EL5166 Datasheet HTML 11Page - Renesas Technology Corp EL5166 Datasheet HTML 12Page - Renesas Technology Corp EL5166 Datasheet HTML 13Page - Renesas Technology Corp EL5166 Datasheet HTML 14Page - Renesas Technology Corp EL5166 Datasheet HTML 15Page - Renesas Technology Corp EL5166 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
EL5166, EL5167
FN7365 Rev 6.00
Page 15 of 16
September 14, 2010
Package Outline Drawing
P5.064A
5 LEAD SMALL OUTLINE TRANSISTOR PLASTIC PACKAGE
Rev 0, 2/10
Dimension is exclusive of mold flash, protrusions or gate burrs.
This dimension is measured at Datum “H”.
Package conforms to JEDEC MO-178AA.
Foot length is measured at reference to guage plane.
Dimensions in ( ) for Reference Only.
Dimensioning and tolerancing conform to ASME Y14.5M-1994.
6.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
INDEX AREA
PIN 1
SEATING PLANE
GAUGE
0.45±0.1
(2 PLCS)
10° TYP
4
1.90
0.40 ±0.05
2.90
0.95
1.60
2.80
0.05-0.15
1.14 ±0.15
0.20
C A-B D
M
(1.20)
(0.60)
(0.95)
(2.40)
0.10 C
0.08-0.20
SEE DETAIL X
1.45 MAX
(0.60)
0-3°
C
B
A
D
3
3
3
0.20 C
(1.90)
2x
0.15 C
2x
D
0.15 C
2x
A-B
(0.25)
H
5
2
4
5
5
END VIEW
PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com