Electronic Components Datasheet Search
  English  ▼

X  

EL5166 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL5166
Description  1.4GHz Current Feedback Amplifiers with Enable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5166 Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL5166 Datasheet HTML 1Page - Renesas Technology Corp EL5166 Datasheet HTML 2Page - Renesas Technology Corp EL5166 Datasheet HTML 3Page - Renesas Technology Corp EL5166 Datasheet HTML 4Page - Renesas Technology Corp EL5166 Datasheet HTML 5Page - Renesas Technology Corp EL5166 Datasheet HTML 6Page - Renesas Technology Corp EL5166 Datasheet HTML 7Page - Renesas Technology Corp EL5166 Datasheet HTML 8Page - Renesas Technology Corp EL5166 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FN7365 Rev 6.00
Page 1 of 16
September 14, 2010
FN7365
Rev 6.00
September 14, 2010
EL5166, EL5167
1.4GHz Current Feedback Amplifiers with Enable
DATASHEET
The EL5166 and EL5167 amplifiers are of the current
feedback variety and exhibit a very high bandwidth of
1.4GHz at AV = +1 and 800MHz at AV = +2. This makes
these amplifiers ideal for today's high speed video and
monitor applications, as well as a number of RF and IF
frequency designs.
With a supply current of just 8.5mA and the ability to run
from a single supply voltage from 5V to 12V, these amplifiers
offer very high performance for little power consumption.
The EL5166 also incorporates an enable and disable
function to reduce the supply current to 13µA typical per
amplifier. Allowing the CE pin to float or applying a low logic
level will enable the amplifier.
The EL5167 is offered in the 5 Ld SOT-23 package and the
EL5166 is available in the 6 Ld SOT-23 as well as the
industry-standard 8 Ld SOIC packages. Both operate over
the industrial temperature range of -40°C to +85°C.
Features
• Gain-of-1 bandwidth = 1.4GHz/gain-of-2
bandwidth = 800MHz
• 6000V/µs slew rate
• Single and dual supply operation from 5V to 12V
• Low noise = 1.7nV/
Hz
• 8.5mA supply current
• Fast enable/disable (EL5166 only)
• 600MHz family - (EL5164 and EL5165)
• 400MHz family - (EL5162 and EL5163)
• 200MHz family - (EL5160 and EL5161)
• Pb-free available (RoHS compliant)
Applications
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment
• Instrumentation
• Current to voltage converters
Pinouts
EL5166
(8 LD SOIC)
TOP VIEW
EL5166
(6 LD SOT-23)
TOP VIEW
EL5167
(5 LD SOT-23, SC-70)
TOP VIEW
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
-
+
NC
IN-
IN+
VS-
CE
VS+
OUT
NC
1
2
3
6
4
5
-
+
OUT
VS-
IN+
VS+
IN-
CE
1
2
3
5
4
-
+
OUT
VS-
IN+
VS+
IN-


Similar Part No. - EL5166

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5166 INTERSIL-EL5166 Datasheet
1Mb / 15P
1.4GHz Current Feedback Amplifiers with Enable
November 17, 2005
EL5166 INTERSIL-EL5166 Datasheet
508Kb / 15P
1.4GHz Current Feedback Amplifiers with Enable
EL5166 INTERSIL-EL5166 Datasheet
654Kb / 16P
1.4GHz Current Feedback Amplifiers with Enable
September 14, 2010
EL5166IS INTERSIL-EL5166IS Datasheet
1Mb / 15P
1.4GHz Current Feedback Amplifiers with Enable
November 17, 2005
EL5166IS INTERSIL-EL5166IS Datasheet
508Kb / 15P
1.4GHz Current Feedback Amplifiers with Enable
More results

Similar Description - EL5166

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
300MHz Low Power Current Feedback Amplifiers with Enable
September 8, 2005
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
600MHz Current Feedback Amplifiers with Enable
June 22, 2004
EL5166 INTERSIL-EL5166_05 Datasheet
1Mb / 15P
1.4GHz Current Feedback Amplifiers with Enable
November 17, 2005
EL5164 INTERSIL-EL5164_05 Datasheet
413Kb / 12P
600MHz Current Feedback Amplifiers with Enable
August 10, 2005
5962-0625601QXC INTERSIL-5962-0625601QXC Datasheet
113Kb / 4P
1.4GHz Current Feedback Amplifiers with Enable
October 17, 2007
EL5166 INTERSIL-EL5166_07 Datasheet
508Kb / 15P
1.4GHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
600MHz Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
500MHz Low Power Current Feedback Amplifiers with Enable
EL5166 INTERSIL-EL5166 Datasheet
654Kb / 16P
1.4GHz Current Feedback Amplifiers with Enable
September 14, 2010
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
600MHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com