Electronic Components Datasheet Search
  English  ▼

X  

EL5166 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL5166
Description  1.4GHz Current Feedback Amplifiers with Enable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5166 Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL5166 Datasheet HTML 1Page - Renesas Technology Corp EL5166 Datasheet HTML 2Page - Renesas Technology Corp EL5166 Datasheet HTML 3Page - Renesas Technology Corp EL5166 Datasheet HTML 4Page - Renesas Technology Corp EL5166 Datasheet HTML 5Page - Renesas Technology Corp EL5166 Datasheet HTML 6Page - Renesas Technology Corp EL5166 Datasheet HTML 7Page - Renesas Technology Corp EL5166 Datasheet HTML 8Page - Renesas Technology Corp EL5166 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
EL5166, EL5167
FN7365 Rev 6.00
Page 2 of 16
September 14, 2010
Ordering Information
PART NUMBER
(Note 1)
PART
MARKING
PACKAGE
(Pb-free)
PKG.
DWG. #
EL5166ISZ
5166ISZ
8 Ld SOIC (150 mil)
M8.15E
EL5166ISZ-T7*
5166ISZ
8 Ld SOIC (150 mil)
M8.15E
EL5166ISZ-T13*
5166ISZ
8 Ld SOIC (150 mil)
M8.15E
EL5166IWZ-T7*
BAPA (Note 2)
6 Ld SOT-23
P6.064A
EL5166IWZ-T7A*
BAPA (Note 2)
6 Ld SOT-23
P6.064A
EL5167ICZ-T7*
BFA (Note 2)
5 Ld SC-70 (1.25mm)
P5.049
EL5167ICZ-T7A*
BFA (Note 2)
5 Ld SC-70 (1.25mm)
P5.049
EL5167IWZ-T7*
BARA (Note 2)
5 Ld SOT-23
P5.064A
EL5167IWZ-T7A*
BARA (Note 2)
5 Ld SOT-23
P5.064A
*Please refer to TB347 for details on reel specifications.
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
2. The part marking is located on the bottom of the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com