Electronic Components Datasheet Search
  English  ▼

X  

ISL97635 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL97635
Description  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL97635 Datasheet HTML 2Page - Renesas Technology Corp ISL97635 Datasheet HTML 3Page - Renesas Technology Corp ISL97635 Datasheet HTML 4Page - Renesas Technology Corp ISL97635 Datasheet HTML 5Page - Renesas Technology Corp ISL97635 Datasheet HTML 6Page - Renesas Technology Corp ISL97635 Datasheet HTML 7Page - Renesas Technology Corp ISL97635 Datasheet HTML 8Page - Renesas Technology Corp ISL97635 Datasheet HTML 9Page - Renesas Technology Corp ISL97635 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ISL97635
FN6434 Rev.3.00
Page 6 of 28
Sep 26, 2017
Peak Efficiency
Eff_peak
VIN = 18V, 54 LEDs, 20mA
each, L = 8.2µH with DCR
106mΩ
TA = +25°C
91
%
VIN = 12V, 54 LEDs, 20mA
each, L = 8.2µH with DCR
106mΩ
TA = +25°C
88
%
VIN = 6V, 54 LEDs, 20mA each,
L = 8.2µH with DCR 106mΩ

TA = +25°C
86
%
Line Regulation
IOUT/VIN
0.1
%
Boost Maximum Duty Cycle
DMAX
82
%
Boost Minimum Duty Cycle
DMIN
7%
Lx Frequency
fOSC_hi
Register 0x08, fSW = 1
1.0
1.2
1.3
MHz
Lx Frequency
fOSC_lo
Register 0x08, fSW = 0
550
600
650
kHz
Lx Leakage Current
ILX_leakage
VLX = 36V, EN = 0
10
µA
REFERENCE
Channel-to-Channel Current Matching
IMATCH
IOUT = 30mA, BRT = 255
-3.5
±1
+3.5
%
Current Accuracy
IACC
±3
%
FAULT DETECTION
Short-CircuitThreshold Accuracy
VSC
Reg0x08 = 0x0F or 0x0B
Reg0x00 = 0xFF
7.8
8
8.8
V
Reg0x08 = 0x0E or 0x0A
Reg0x00 = 0xFF
2.8
3.1
3.8
V
Over-Temperature Threshold Accuracy
Vtemp_acc
5°C
Overvoltage Limit on OVP Pin
VOVPlo
1.17
1.2
1.23
V
OVP Hysteresis
OVPhys
20
mV
OVP Short Detection Fault Level
OVPfault
300
mV
SMBus INTERFACE
Guaranteed Range for Data, Clock Input Low Voltage
VIL
0.8
V
Guaranteed Range for Data, Clock Input High Voltage
VIH
2.1
VDD
V
SMBus Data Line Logic Low Voltage with 1.1kΩ
series
resistor from data bus to SMBDAT pin
VOL
IPULLUP = 350µA
0.4
V
SMBus Data Line Logic Low Voltage without series resistor
from data bus to SMBDAT pin
IPULLUP = 4mA
0.17
V
Input Leakage On SMBData/SMBClk
ILEAK
-1
1
µA
Nominal Bus Voltage
VDD
3V to 5V ±10%
2.7
5.5
V
SMBus TIMING SPECIFICATIONS (Note 7)
SMBus Clock Frequency
fSMB
10
100
kHz
Bus Free Time Between Stop and Start Condition
tBUF
4.7
µs
Hold Time After (Repeated) START Condition. After this
Period, the First Clock is Generated
tHD:STA
4.0
µs
Repeated Start Condition Setup Time
tSU:STA
4.7
µs
Electrical Specifications All specifications below are tested at T
A = -40°C to +85°C; VIN = 12V, EN = 5V, RSET = 36.6kΩ, unless otherwise
noted. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested. (Continued)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com