Electronic Components Datasheet Search
  English  ▼

X  

ISL97635 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL97635
Description  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL97635 Datasheet HTML 5Page - Renesas Technology Corp ISL97635 Datasheet HTML 6Page - Renesas Technology Corp ISL97635 Datasheet HTML 7Page - Renesas Technology Corp ISL97635 Datasheet HTML 8Page - Renesas Technology Corp ISL97635 Datasheet HTML 9Page - Renesas Technology Corp ISL97635 Datasheet HTML 10Page - Renesas Technology Corp ISL97635 Datasheet HTML 11Page - Renesas Technology Corp ISL97635 Datasheet HTML 12Page - Renesas Technology Corp ISL97635 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ISL97635
FN6434 Rev.3.00
Page 9 of 28
Sep 26, 2017
FIGURE 7. CHANNEL-TO-CHANNEL CURRENT MATCHING
FIGURE 8. CURRENT MATCHING vs DUTY CYCLE vs DIMMING
FREQUENCY
FIGURE 9. PWM DIMMING LINEARITY
FIGURE 10. LX, VIIN, IL AND IO AT PWM DIMMING
FIGURE 11. IL AT 50% PWM DIMMING
FIGURE 12. IL ZOOM IN AT PWM DIMMING ZOOM IN
Typical Performance Curves (Continued)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
CH 0 CH 1 CH 2 CH 3 CH 4 CH 5 CH 6 CH 7
CHANNELS
6V/1mA
6V/20mA
12V/1mA
12V/20mA
0.5
0.6
0.7
0.8
0.9
1.0
0
1020
3040
5060
7080
90
100
PWM DUTY CYCLE (%)
VIN = 12V
10kHz
1kHz
100kHz
200kHz
20kHz
0
20
40
60
80
100
120
140
160
180
0
1020
3040
50
6070
8090
100
PWM DUTY CYCLE (%)
8 CHANNELS
9 LEDS PER CHANNEL
VIN = 18V
VIN = 6V
VIN = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com