Electronic Components Datasheet Search
  English  ▼

X  

ISL97635 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL97635
Description  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL97635 Datasheet HTML 4Page - Renesas Technology Corp ISL97635 Datasheet HTML 5Page - Renesas Technology Corp ISL97635 Datasheet HTML 6Page - Renesas Technology Corp ISL97635 Datasheet HTML 7Page - Renesas Technology Corp ISL97635 Datasheet HTML 8Page - Renesas Technology Corp ISL97635 Datasheet HTML 9Page - Renesas Technology Corp ISL97635 Datasheet HTML 10Page - Renesas Technology Corp ISL97635 Datasheet HTML 11Page - Renesas Technology Corp ISL97635 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ISL97635
FN6434 Rev.3.00
Page 8 of 28
Sep 26, 2017
Maximum PWMI Off Time Before Shutdown
tMAX_PWM_OFF
EN/PWMI toggles
28
ms
FAULT PIN
Fault Pull-Down Current
IFAULT
VIN = 12V
10
18
30
µA
Fault Clamp Voltage with Respect to VIN
VFAULT
VIN = 12, VIN-VFAULT
7.5
V
Lx Start-Up Current
IlxStart-up
VDC = 5.2V
1
2.7
7
mA
NOTES:
7. Limits established by characterization and are not production tested.
8. Varies within range specified by VHEADROOM_RANGE.
Typical Performance Curves
FIGURE 3. EFFICIENCY, L = 8.2µH WITH DCR = 106m
,
CO = 4x4.7µF/50V
FIGURE 4. EFFICIENCY, L = 10µH WITH DCR = 129m
,
CO = 4x4.7µF/50V
FIGURE 5. 3 EFFICIENCY, L = 10µH WITH DCR = 500mΩ, 1mm,
CO = 4µFx4.7µF/50V
FIGURE 6. CURRENT REGULATION
Electrical Specifications All specifications below are tested at T
A = -40°C to +85°C; VIN = 12V, EN = 5V, RSET = 36.6kΩ, unless otherwise
noted. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested. (Continued)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
66
68
70
72
74
76
78
80
82
84
86
88
90
92
0
20
40
60
80
100
120
140
160
180
IO (mA)
L = 8.2µH
IHLP-2525BD-01
DCR = 106m
ISAT = 3A
9S8P - 6V
9S6P - 6V
7S8P - 6V
7S6P - 6V
9S6P - 12V
7S8P - 18V
9S6P - 18V
7S8P - 6V
9S8P - 12V
7S6P - 12V
7S8P - 12V
7S6P - 18V
9S8P - 18V
66
68
70
72
74
76
78
80
82
84
86
88
90
92
0
20
40
60
80
100
120
140
160
180
IO (mA)
7S8P - 6V
7S6P - 6V
9S6P - 12V
7S8P - 6V
9S8P - 12V
7S6P - 12V
7S8P - 12V
9S8P - 18V
9S8P - 6V
9S6P - 6V
9S6P - 18V
7S8P - 18V
7S6P - 18V
L = 10µH
IHLP-2525BD-01
DCR = 129m
ISAT = 2.5A
66
68
70
72
74
76
78
80
82
84
86
88
90
92
0
20
40
60
80
100
120
140
160
180
IO (mA)
9S8P - 6V
9S6P - 6V
7S8P - 6V
7S6P - 6V
9S6P - 12V
9S6P - 18V
7S8P - 6V
9S8P - 12V
7S6P - 12V
7S8P - 12V
7S8P - 18V
9S8P - 18V
7S6P - 18V
L = 10µH
DCR = ~500m
<1mm HEIGHT
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
4
6
8
10
12
14
16
18
20
22
24
26
VIN (V)
20mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com