Electronic Components Datasheet Search
  English  ▼

X  

ISL97635 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL97635
Description  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL97635 Datasheet HTML 3Page - Renesas Technology Corp ISL97635 Datasheet HTML 4Page - Renesas Technology Corp ISL97635 Datasheet HTML 5Page - Renesas Technology Corp ISL97635 Datasheet HTML 6Page - Renesas Technology Corp ISL97635 Datasheet HTML 7Page - Renesas Technology Corp ISL97635 Datasheet HTML 8Page - Renesas Technology Corp ISL97635 Datasheet HTML 9Page - Renesas Technology Corp ISL97635 Datasheet HTML 10Page - Renesas Technology Corp ISL97635 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ISL97635
FN6434 Rev.3.00
Page 7 of 28
Sep 26, 2017
Stop Condition Setup Time
tSU:STO
4.0
µs
Data Hold Time
tHD:DAT
300
ns
Data Setup Time
tSU:DAT
250
ns
Clock Low Period
tLOW
4.7
µs
Clock High Period
tHIGH
4.0
50
µs
Clock/data Fall Time
tF
300
ns
Clock/data Rise Time
tR
1000
ns
GENERAL TIMING SPECIFICATIONS (Note 7)
Minimum Setup Time Between VIN Rising above VUVLO with
EN = 1 and SMBus Communications
t1
EN = 1, TA = +25°C, VDC
capacitor < 10µF
80
µs
Minimum Setup Time Between EN Going High with VIN above
VUVLO and SMBus Communications
t2
VIN > VUVLO, TA= +25°C,
VDC capacitor < 10µF
80
µs
Minimum Time Between VIN Rising above VUVLO with EN = 1
to SMBus BL CTRL On
t3
EN = 1, TA = +25°C
4.5
ms
Minimum Time Between EN Going High with VIN above
VUVLO to SMBus BL CTRL On
t4
VIN > VUVLO, TA = +25°C
4.5
ms
Minimum Time for LED Output to Respond to SMBus Data at
any Levels
t5
VIN > VUVLO, EN = 1,
TA = +25°C
5µs
Response Time Between Backlight CTRL Off with Boost Not
Switching to Backlight CTRL On with Boost Switching
t6
VIN > VUVLO, EN = 1,
TA = +25°C
5µs
Response Time Between Backlight CTRL On with Boost
Switching to Backlight CTRL Off with Boost Not Switching
t7
VIN > VUVLO, EN = 1,
TA = +25°C
5µs
LED Channel Short-Circuit Fault Detection to Status Register
Data Ready
t8
VIN > VUVLO, EN = 1,
TA = +25°C, LEDs Active
6ms
VOUT-GND Short-Circuit Detection During Operation to Status
Register Data Ready
t9
VIN > VUVLO, EN = 1,
TA = +25°C, Fault FET used
5µs
Time Between VIN Rising Above VUVLO with EN = 1 and
VOUT-GND Short being Reported in Status Register
t10
EN = 1, VDC capacitor < 10µF,
TA = +25°C, Fault FET used.
30
ms
Time Between EN Going High with VIN Above VUVLO and a
VOUT-GND Short being Reported in Status Register
t11
VIN > VUVLO, VDC capacitor
< 10µF, TA = +25°C, Fault FET
used.
30
ms
CURRENT SOURCES
Dominant Channel Current Source Headroom at IIN Pin
VHEADROOM
ILED = 20mA, TA = +25°C
100
(Note 8)
mV
Dominant Channel Current Sink Headroom Range at IIN Pin
VHEADROOM_RANGE
ILED = 20mA, TA = +25°C
10
mV
Voltage at RSET Pin
VRSET
RSET = 36.6kΩ
680
700
720
mV
Maximum LED Current per Channel
ILEDmax
RSET = 20.9kΩ
35
mA
PWM GENERATOR
Generated PWM Frequency
FPWM
CFPWM = 27nF
CPWMO = 220nF
200
Hz
Duty Cycle Of Generated PWM (DC-to-PWM)
DPWM
VPWMO = 0.3V
CFPWM = 27nF
90
%
VPWMO = 1.1V
CFPWM = 27nF
10
%
Electrical Specifications All specifications below are tested at T
A = -40°C to +85°C; VIN = 12V, EN = 5V, RSET = 36.6kΩ, unless otherwise
noted. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested. (Continued)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com