Electronic Components Datasheet Search
  English  ▼

X  

HC5513 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HC5513
Description  TR909 DLC/FLC SLIC with Low Power Standby
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5513 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HC5513 Datasheet HTML 2Page - Renesas Technology Corp HC5513 Datasheet HTML 3Page - Renesas Technology Corp HC5513 Datasheet HTML 4Page - Renesas Technology Corp HC5513 Datasheet HTML 5Page - Renesas Technology Corp HC5513 Datasheet HTML 6Page - Renesas Technology Corp HC5513 Datasheet HTML 7Page - Renesas Technology Corp HC5513 Datasheet HTML 8Page - Renesas Technology Corp HC5513 Datasheet HTML 9Page - Renesas Technology Corp HC5513 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
HC5513
FN3963 Rev.12.00
Page 6 of 20
August 2003
LOOP CURRENT DETECTOR
On-Hook to Off-Hook
RD = 39k-40oC to 85oC
372/RD
465/RD
558/RD
mA
Off-Hook to On-Hook
RD = 39k-40oC to 85oC
325/RD
405/RD
485/RD
mA
Loop Current Hysteresis
RD = 39k-40oC to 85oC
25/RD
60/RD
95/RD
mA
GROUND KEY DETECTOR
Tip/Ring Current Difference - Trigger
(Note 29, Figure 11)
8
12
17
mA
Tip/Ring Current Difference - Reset
(Note 29, Figure 11)
3
7
12
mA
Hysteresis
(Note 29, Figure 11)
0
5
9
mA
FIGURE 10. IDLE CHANNEL NOISE
FIGURE 11. GROUND KEY DETECT
RING TRIP DETECTOR (DT, DR)
Offset Voltage
Source Res = 0
-20
-
20
mV
Input Bias Current
Source Res = 0
-500
-
500
nA
Input Common-Mode Range
Source Res = 0
VBAT +1
-
0
V
Input Resistance
Source Res = 0, Balanced
3
-
-
M
RING RELAY DRIVER
VSAT at 25mA
IOL = 25mA
-
1.0
1.5
V
Off-State Leakage Current
VOH = 12V
-
-
10
A
DIGITAL INPUTS (E0, E1, C1, C2)
Input Low Voltage, VIL
0-
0.8
V
Input High Voltage, VIH
2-
VCC
V
Input Low Current, IIL: C1, C2
VIL = 0.4V
-200
-
-
A
Input Low Current, IIL: E0, E1
VIL = 0.4V
-100
-
-
A
Input High Current
VIH = 2.4V
-
-
40
A
DETECTOR OUTPUT (DET)
Output Low Voltage, VOL
IOL = 2mA
-
-
0.45
V
Output High Voltage, VOH
IOH = 100A2.7
-
-
V
Internal Pull-Up Resistor
10
15
20
k
POWER DISSIPATION
Open Circuit State
C1 = C2 = 0
-
-
23
mW
On-Hook, Standby
C1 = C2 = 1
-
-
30
mW
On-Hook, Active
C1 = 0, C2 = 1, RL = High Impedance
-
-
150
mW
Electrical Specifications
TA = -40oC to 85oC, VCC = 5V 5%, VEE = -5V5%, VBAT = -28V, AGND = BGND = 0V, RDC1 = RDC2 =
41.2k
, RD = 39k, RSG =, RF1 = RF2 = 0, CHP = 10nF, CDC = 1.5F, ZL = 600. (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RT
RRX
600k
300k
600
VTR
VTX
RL
TIP
5
VTX
21
RING
6
RSN
19
TIP
5
RSN
19
RING
6
RDC
17
RDC2
41.2k
RDC1
41.2k
CDC
1.5
F
DET
E1 = C1 = 0, C2 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com