Electronic Components Datasheet Search
  English  ▼

X  

HC5513 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # HC5513
Description  TR909 DLC/FLC SLIC with Low Power Standby
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5513 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button HC5513 Datasheet HTML 12Page - Renesas Technology Corp HC5513 Datasheet HTML 13Page - Renesas Technology Corp HC5513 Datasheet HTML 14Page - Renesas Technology Corp HC5513 Datasheet HTML 15Page - Renesas Technology Corp HC5513 Datasheet HTML 16Page - Renesas Technology Corp HC5513 Datasheet HTML 17Page - Renesas Technology Corp HC5513 Datasheet HTML 18Page - Renesas Technology Corp HC5513 Datasheet HTML 19Page - Renesas Technology Corp HC5513 Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
HC5513
FN3963 Rev.12.00
Page 19 of 20
August 2003
Application Circuit
1 HPT
2 RD
3 DT
4 DR
5 TIPX
6 RINGX
7 BGND
8 VCC
9 RINGRLY
10 VBAT
11 RSG
HPR 22
VTX 21
VEE 20
RSN 19
AGND 18
RDC 17
C1 16
C2 15
DET 14
EO 13
E1 12
TIP
RING
VBAT
R3
RRT
R2
-5V
RD
RF1
RF2
CRC
CTC
RINGING
(VBAT + 90VRMS)
VBAT
CHP (NOTE 32)
-5V
RTX
RT
RB
RDC1
CDC
RDC2
RFB
CODEC/FILTER
U2
U1
RRX
-
+
CRT
R1
R4
NOTE 31
-5V
RSG
U1 SLIC (Subscriber Line Interface Circuit)
HC5513
U2 Combination CODEC/Filter e.g.
CD22354A or Programmable CODEC/
Filter, e.g. SLAC
CDC 1.5F, 20%, 10V
CHP 10nF, 20%, 100V (Note 2)
CRT 0.39F, 20%, 100V
CTC, CRC 2200pF, 20%, 100V
Relay Relay, 2C Contacts, 5V or 12V Coil
D1 - D5 IN4007 Diode
Surgector SGT27S10
PTC Polyswitch TR600-150
D6 Diode, 1N4454
RF1, RF2 Line Resistor, 20, 1% Match, 2 W
Carbon column resistor or thick film on
ceramic
R1, R3 200k, 5%, 1/4W
R2 910k, 5%, 1/4W
R4 1.2M, 5%, 1/4W
RB 18.7k,1%, 1/4W
RD 39k, 5%, 1/4W
RDC1, RDC2 41.2k, 5%, 1/4W
RFB 20.0k, 1%, 1/4W
RRX 280k, 1%, 1/4W
RT 562k, 1%, 1/4W
RTX 20k, 1%, 1/4W
RRT 150, 5%, 2W
RSG VBAT = -28V, RSG = 
VBAT = -48V, RSG = 21.4k, 1/4W 5%
NOTES:
31. It is recommended that the anodes of D3 and D4 be shorted to ground through a battery referenced surgector (SGT27S10).
32. To meet the specified 25dB 2-wire return loss at 200Hz, CHP needs to be 20nF, 20%, 100V.
FIGURE 21. APPLICATION CIRCUIT
+5V
RELAY
D6
OR
12V
PTC
PTC
Surgector
A
K
G
D3
D1
D2
D4
D5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com