Electronic Components Datasheet Search
  English  ▼

X  

HC55121IBZ Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # HC55121IBZ
Description  Low Power UniSLIC14 Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55121IBZ Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button HC55121IBZ Datasheet HTML 25Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 26Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 27Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 28Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 29Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 30Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 31Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 32Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
HC55120, HC55121, HC55130, HC55140, HC55142, HC55143, HC55150
FN4659 Rev 13.00
Page 29 of 36
June 1, 2006
HC55130
(28 LEAD SOIC)
TOP VIEW
HC55140
(28 LEAD SOIC)
TOP VIEW
HC55142
(28 LEAD SOIC)
TOP VIEW
HC55150
(28 LEAD SOIC)
TOP VIEW
Pinouts - 28 Lead SOIC Packages (Continued)
ZT
PTG
RRLY
CH
RING
BGND
TIP
VBH
VBL
RDC_RAC
CDC
DT
DR
CRT
AGND
NC
VRX
RSYNC
ILIM
RD
SHD
C1
C2
C3
NC
VTX
ROH
VCC
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
ZT
PTG
RRLY
CH
RING
BGND
TIP
VBH
VBL
RDC_RAC
CDC
DT
DR
CRT_REV_LVM
AGND
NC
VRX
RSYNC_REV
ILIM
RD
SHD
C1
C2
C3
GKD_LVM
VTX
ROH
VCC
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
ZT
PTG
RRLY
CH
RING
BGND
TIP
VBH
VBL
RDC_RAC
CDC
DT
DR
CRT_REV_LVM
AGND
SPM
VRX
RSYNC_REV
ILIM
RD
SHD
C1
C2
C3
GKD_LVM
VTX
ROH
VCC
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
ZT
PTG
RRLY
CH
RING
BGND
TIP
VBH
VBL
RDC_RAC
CDC
DT
DR
CRT_REV_LVM
AGND
SPM
VRX
RSYNC_REV
ILIM
RD
SHD
C1
C2
C3
LVM
VTX
ROH
VCC
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Pin Descriptions
28
PIN
PLCC
32
PIN
PLCC
28
PIN
SOIC
SYMBOL
DESCRIPTION
1
1
2
PTG
Programmable Transmit Gain - The 2-wire to 4-wire transmission gain is 0dB if this pin is left floating
and -6.02dB if tied to ground. The -6.02dB gain option is useful in systems where Pulse Metering is
used. See Figure 23.
2
2
3
RRLY
Ring Relay Driver Output - The relay coil may be connected to a maximum of 14V.
3
3
4
CH
AC/DC Separation Capacitor - CH is required to properly process the AC current from the DC loop
current. Recommended value 0.1
F.
4
4
1
ZT
2-Wire Impedance Matching Pin - Impedance matching of the 2-wire side is accomplished by placing
an impedance between the ZT pin and ground. See Equation 32.
5
5
5
RING
Connects via protection resistor RP to ring wire of subscriber pair.
6
6
6
BGND
Battery ground.
7
7
7
TIP
Connects via protection resistor RP to tip wire of subscriber pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com