Electronic Components Datasheet Search
  English  ▼

X  

HC55121IBZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HC55121IBZ
Description  Low Power UniSLIC14 Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55121IBZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HC55121IBZ Datasheet HTML 2Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 3Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 4Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 5Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 6Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 7Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 8Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 9Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
OFF-HOOK LONGITUDINAL BALANCE
MIN
MIN
MIN
MIN
MIN
MIN
Longitudinal to Metallic (Note 7)
Forward and Reverse
IEEE 455 - 1985, RLR, RLT = 368
Normal Polarity:
Forward
Only
Forward
Only
0.2kHz < f < 1.0kHz, 0°C to 70°C
-
-
-
dB
53
NA
NA
NA
NA
55
1.0kHz < f < 3.4kHz, 0°C to 70°C
-
-
-
dB
53
NA
NA
NA
NA
55
0.2kHz < f < 1.0kHz, -40°C to 85°C
-
-
-
dB
NA
53
63
63
63
NA
1.0kHz < f < 3.4kHz, -40°C to 85°C
-
-
-
dB
NA
53
58
58
58
NA
Reverse Polarity 0.2kHz < f < 3.4kHz,
(Figure 4)
-
-
-
dB
NA
53
NA
58
58
55
MIN
MIN
MIN
MIN
MIN
MIN
Longitudinal to Metallic (Note 7)
Forward and Reverse
RLR, RLT = 300,
Normal Polarity:
Forward
Only
Forward
Only
0.2kHz < f < 1.0kHz, 0°C to 70°C
-
-
-
dB
53
NA
NA
NA
NA
55
1.0kHz < f < 3.4kHz, 0°C to 70°C
-
-
-
dB
53
NA
NA
NA
NA
55
0.2kHz < f < 1.0kHz, -40°C to 85°C
-
-
-
dB
NA
53
63
63
63
NA
1.0kHz < f < 3.4kHz, -40°C to 85°C
-
-
-
dB
NA
53
58
58
58
NA
Reverse Polarity 0.2kHz < f < 3.4kHz,
(Figure 4)
-
-
-
dB
NA
53
NA
58
58
55
MIN
MIN
MIN
MIN
MIN
MIN
Longitudinal to 4-Wire (Note 9)
(Forward and Reverse)
Normal Polarity:
Forward
Only
Forward
Only
0.2kHz < f < 1.0kHz, 0°C to 70°C
-
-
-
dB
53
NA
NA
NA
NA
61
1.0kHz < f < 3.4kHz, 0°C to 70°C
-
-
-
dB
53
NA
NA
NA
NA
61
0.2kHz < f < 1.0kHz, -40°C to 85°C
-
-
-
dB
NA
53
63
63
63
NA
1.0kHz < f < 3.4kHz, -40°C to 85°C
-
-
-
dB
NA
53
58
58
58
NA
Reverse Polarity 0.2kHz < f < 3.4kHz,
(Figure 4)
-
-
dB
NA
53
NA
58
58
61
Metallic to Longitudinal (Note 10)
Forward and Reverse
FCC Part 68, Para 68.310 (Note 8)
0.2kHz < f < 3.4kHz, (Figure 5)
40
50
-
dB
Forward
Only
•
Forward
Only
•••
4-Wire to Longitudinal (Note 11)
Forward and Reverse
0.2kHz < f < 3.4kHz, (Figure 5)
40
-
-
dB
Forward
Only
•
Forward
Only
•••
Electrical Specifications
TA = -40°C to 85°C, VCC = +5V 5%, VBH = -48V, VBL = -24V, PTG = Open, RP1 = RP2 = 0ZT = 120k, RLIM = 38.3k, RD = 50k, RDC_RAC = 20k,
ROH = 40k, CH = 0.1F, CDC = 4.7F, CRT/REV = 0.47F, GND = 0V, RL = 600. Unless Otherwise Specified.
(•) Symbol used to indicate the test
applies to the part. (NA) symbol used to indicate the test does not apply to the part. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HC55120
HC55121
HC55130/1 HC55140/1 HC55142/3 HC55150/1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com