Electronic Components Datasheet Search
  English  ▼

X  

HC55121IBZ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HC55121IBZ
Description  Low Power UniSLIC14 Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55121IBZ Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HC55121IBZ Datasheet HTML 3Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 4Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 5Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 6Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 7Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 8Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 9Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 10Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
FIGURE 4. LONGITUDINAL TO METALLIC AND LONGITUDINAL TO 4-WIRE BALANCE
FIGURE 5. METALLIC TO LONGITUDINAL AND 4-WIRE TO LONGITUDINAL
BALANCE
2-Wire Return Loss
Forward and Reverse
0.2kHz to 1.0kHz (Note 12, Figure 6)
30
35
-
dB
Forward
Only
•
Forward
Only
•••
1.0kHz to 3kHz (Note 12, Figure 6)
23
25
-
dB
3kHz to 3.4kHz (Note 12, Figure 6)
21
23
-
dB
TIP IDLE VOLTAGE (User Programmable)
TIPX Idle Voltage
Active, IL < 5mA
-2.6
-2.2
-1.8
V
Forward
Only
•
Forward
Only
•••
Forward and Reverse
RING IDLE VOLTAGE (User Programmable)
RINGX Idle Voltage
Forward and Reverse
Active, IL < 5mA
-46.4
-45.3
-44.2
V
Forward
Only
•
Forward
Only
•••
Tip open, IL < 5mA
-46.4
-45.3
-44.2
V
VTR
Forward and Reverse
Active, IL < 5mA
41
43.1
45
V
Forward
Only
•
Forward
Only
•••
VTR(ROH) Pulse Metering
Forward and Reverse
Active, IL 8.5mA, ROH = 50k
36
38.1
-
V
NA
•
NA
NA
••
FIGURE 6. TWO-WIRE RETURN LOSS
FIGURE 7. OVERLOAD LEVEL (4-WIRE TRANSMIT PORT), OUTPUT OFFSET
VOLTAGE AND HARMONIC DISTORTION
Electrical Specifications
TA = -40°C to 85°C, VCC = +5V 5%, VBH = -48V, VBL = -24V, PTG = Open, RP1 = RP2 = 0ZT = 120k, RLIM = 38.3k, RD = 50k, RDC_RAC = 20k,
ROH = 40k, CH = 0.1F, CDC = 4.7F, CRT/REV = 0.47F, GND = 0V, RL = 600. Unless Otherwise Specified.
(•) Symbol used to indicate the test
applies to the part. (NA) symbol used to indicate the test does not apply to the part. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HC55120
HC55121
HC55130/1 HC55140/1 HC55142/3 HC55150/1
EL
VTR
C
RLT
RLR
2.16
F
TIP
RING
VTX
VRX
VTX
ETR
VL
C
RLT
RLR
300
300
2.16
F
TIP
RING
VTX
VRX
ERX
VS
ZD
RLR
R
R
ZIN
VM
TIP
RING
VTX
VRX
EG
RL
ZL
VTR
TIP
RING
VTX
VRX
VTX
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com