Electronic Components Datasheet Search
  English  ▼

X  

HC55121IBZ Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # HC55121IBZ
Description  Low Power UniSLIC14 Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55121IBZ Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button HC55121IBZ Datasheet HTML 16Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 17Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 18Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 19Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 20Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 21Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 22Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 23Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
HC55120, HC55121, HC55130, HC55140, HC55142, HC55143, HC55150
FN4659 Rev 13.00
Page 20 of 36
June 1, 2006
SPM Pin
For optimum performance, the PC board interconnect the
SPM pin should be as short as possible. If pulses metering is
not being used, then this pin should be grounded as close to
the device pin as possible.
RLIM Pin
The current limiting resistor RLIM needs to be as close to the
RLIM pin as possible.
Layout of the 2-Wire Impedance Matching
Resistor ZT
Proper connection to the ZT pin is to have the external ZT
network as close to the device pin as possible.
The ZT pin is a high impedance pin that is used to set the
proper feedback for matching the impedance of the 2-wire
side. This will eliminate circuit board capacitance on this pin
to maintain the 2-wire return loss across frequency.
Digital Logic Inputs
Table 1 is the logic truth table for the 3V to 5V logic input
pins. A combination of the control pins C3, C2 and C1 select
1 of the possible 6 operating states. The 8th state listed is
Thermal Shutdown. Thermal Shutdown protection is invoked
if a fault condition on the tip or ring causes the junction
temperature of the die to exceed 175°C. A description of
each operating state and the control logic follows:
Open Circuit State (C3 = 0, C2 = 0, C1 = 0)
In this state, the tip and ring outputs are in a high impedance
condition (>1M
). No supervisory functions are available
and SHD and GKD outputs are at a TTL high level.
4-wire loopback testing can be performed in this state. With
the PTG pin floating, the signal on the VTX output is 180o out
of phase and approximately 2 times the VRX input signal. If
the PTG pin is grounded, then the amplitude will be
approximately the same as its input and 180o out of phase.
Ringing State (C3 = 0, C2 = 0, C1 = 1)
In this state, the output of the ring relay driver pin (RRLY)
goes low (energizing the ring relay to connect the ringing
signal to the phone) if either of the following two conditions
are satisfied:
(1) The RSYNC_REV pin is grounded through a resistor -
This connection enables the RRLY pin to go low the instant
the ringing state is invoked, without any regard for the
ringing voltage (90VRMS -120VRMS) across the relay
contacts. The resistor (34.8k
 to 70k) is required to limit
the current into the RSYNC_REV pin.
(2) A ring sync pulse is applied to the RSYNC_REV pin -
This connection enables the RRLY pin to go low at the
command of a ring sync pulse. A ring sync pulse should go
TABLE 1. DETECTOR STATES
STATE
C3
C2
C1
SLIC OPERATING STATE
ACTIVE DETECTOR
OUTPUT
SHD
GKD_ LVM
0
0
0
0
Open Circuit State
4 wire loopback test capability
HIGH
HIGH
1
0
0
1
Ringing State
(Previous State cannot be Reverse
Active State)
Ring Trip Detector
HIGH
2
0
1
0
Forward Active State
Loop Current Detector
Ground Key Detector
3
0
1
1
Test Active State
Requires previous state to be in the
Forward Active state to determine the
On hook or Off hook status of the line.
On Hook Loopback Detector
LOW
Ground Key Detector
HIGH
Off Hook Loop Current Detector
LOW
Line Voltage Detector
4
1
0
0
Tip Open - Ground Start State
Ground Key Detector
5
1
0
1
Reserved
Reserved
N/A
N/A
6
1
1
0
Reverse Active State
Loop Current Detector
Ground Key Detector
7
1
1
1
Test Reversal Active State
Requires previous state to be in the
Reverse Active state to determine the
On hook or Off hook status of the line.
On Hook Loop Current Detector
HIGH
Off Hook Loop Current Detector
LOW
Line Voltage Detector
8
X
X
X
Thermal Shutdown
LOW
LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com