Electronic Components Datasheet Search
  English  ▼

X  

DM6210 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # DM6210
Description  dataModule medium speed analog input module
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM6210 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button DM6210 Datasheet HTML 28Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 29Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 30Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 31Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 32Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 33Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 34Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 35Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
3-4
Timer/Counters
An 8254 programmable interval timer provides three 16-bit, 8 MHz timer/counters to support a wide
range of timing and counting functions. These timer/counters can be cascaded or used individually for many
applications.
Each timer/counter has two inputs, CLK in and GATE in, and one output, timer/counter OUT. The clock
sources for the timer/counters can be selected using jumpers on header connector JP1 (see Chapter 1). The
timer/counters can be programmed as binary or BCD down counters by writing the appropriate data to the
command word, as described in Chapter 4. The command word also lets you set up the mode of operation. The
six programmable modes are:
Mode 0
Event Counter (Interrupt on Terminal Count)
Mode 1
Hardware-Retriggerable One-Shot
Mode 2
Rate Generator
Mode 3
Square Wave Mode
Mode 4
Software-Triggered Strobe
Mode 5
Hardware Triggered Strobe (Retriggerable)
These modes are detailed in the 8254 Data Sheet, reprinted from Intel in Appendix C.
Digital I/O
The DM6210 has 16 TTL/CMOS-compatible digital I/O lines which can be directly interfaced with
external devices or signals to sense switch closures, trigger digital events, or activate solid-state relays. The
lines can be programmed as inputs or outputs in groups of 4 bits. There is also a special latched input mode
which allows the digital inputs to be latched on an external clock edge for time critical applications. Solder
pads for activating pull-up or pull-down resistors are included on the module.
Interrupts
The DM6210 has 7 software-selectable interrupt sources: end-of-convert, 8254 timer/counter output 0,
8254 timer/counter output 1, 8254 timer/counter output 2, external clock for timer/counter 2 brought onto the
module through CN3, Port 0 latch status and Port 1 latch status. The end-of-convert signal can be used to
interrupt the computer when an A/D conversion is completed. The 8254 timer/counter outputs can be used to
generate an end-of-count interrupt. The external clock 2 interrupt can be used to generate interrupts at any
desired interval from an external source. The Port 0 and Port 1 latch status bits can be used to generate an
interrupt when digital data has been strobed into the digital input latch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com