Electronic Components Datasheet Search
  English  ▼

X  

DM6210 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # DM6210
Description  dataModule medium speed analog input module
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM6210 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button DM6210 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 17Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 18Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 19Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 20Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 91 page
background image
1-5
Fig. 1-4 — Analog Input Voltage Range and Polarity, P5 and P6
Fig. 1-4a:
Factory Setting, ±5V
Fig. 1-4b: Inputs Connected
for ±10V
Fig. 1-4c: Inputs Connected
for 0 to +10V
P5
P6
P5 — Analog Input Voltage Range (Factory Setting: 10V)
This header connector, shown in Figure 1-4, lets you select the analog input voltage range. The range is
set by placing the jumper across the pair of pins labeled 10V, giving you a 10 volt range, or by placing the
jumper across the pins labeled 20V, giving you a 20-volt range. Note that when you place a jumper across
20V, you must place the jumper on P6 across the BIP pins (bipolar range of -10 to +10 volts). The UNI setting
on P6 cannot be used with 20V.
P6 — Analog Input Voltage Polarity (Factory Setting: BIP (Bipolar))
This header connector, shown in Figure 1-4, lets you select the analog input polarity by placing a jumper
across the pins labeled UNI for 0 to +10 volts, or BIP for ±5 or ±10 volts. Note that when you place a jumper
across 20V on P5, you must place the P6 jumper across BIP (±10 volts). The UNI setting cannot be used with
the 20 volt input range. Figure 1-4 shows the three possible input voltage configurations for P5 and P6.
P5
P6
P5
P6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com