Electronic Components Datasheet Search
  English  ▼

X  

ISL1221 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL1221
Description  Low Power RTC with Battery Backed SRAM and Event Detection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL1221 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL1221 Datasheet HTML 1Page - Renesas Technology Corp ISL1221 Datasheet HTML 2Page - Renesas Technology Corp ISL1221 Datasheet HTML 3Page - Renesas Technology Corp ISL1221 Datasheet HTML 4Page - Renesas Technology Corp ISL1221 Datasheet HTML 5Page - Renesas Technology Corp ISL1221 Datasheet HTML 6Page - Renesas Technology Corp ISL1221 Datasheet HTML 7Page - Renesas Technology Corp ISL1221 Datasheet HTML 8Page - Renesas Technology Corp ISL1221 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
FN6316 Rev 1.00
Page 1 of 24
July 15, 2010
FN6316
Rev 1.00
July 15, 2010
ISL1221
Low Power RTC with Battery Backed SRAM and Event Detection
DATASHEET
The ISL1221 device is a low power real time clock with
Event Detect and Time Stamp function, timing and crystal
compensation, clock/calendar, power fail indicator, periodic
or polled alarm, intelligent battery backup switching with
separate FOUT output and 2 Bytes of battery-backed user
SRAM.
The oscillator uses an external, low-cost 32.768kHz crystal.
The real time clock tracks time with separate registers for
hours, minutes, and seconds. The device has calendar
registers for date, month, year and day of the week. The
calendar is accurate through 2099, with automatic leap year
correction.
Pinout
ISL1221
(10 LD MSOP)
TOP VIEW
Features
• Real Time Clock/Calendar
- Tracks Time in Hours, Minutes, and Seconds
- Day of the Week, Day, Month, and Year
• Security and Event Functions
- Tamper detection with Time Stamp in Normal and
Battery Backed modes
- Event Detection During Battery Backed or Normal
Modes
- Selectable Event Input Sampling Rates Allows Low
Power Operation
- Selectable Glitch Filter on Event Input Monitor
• Separate FOUT pin with 15 Selectable Frequencies
• Single Alarm
- Settable to the Second, Minute, Hour, Day of the Week,
Day, or Month
- Single Event or Pulse Interrupt Mode
• Automatic Backup to Battery or Super Cap
• Power Failure Detection
• On-Chip Oscillator Compensation
• 2 Bytes Battery-Backed User SRAM
•I2C Interface
- 400kHz Data Transfer Rate
• 400nA Battery Supply Current
• Small Package
- 10 Ld MSOP
• Pb-Free (RoHS Compliant)
Applications
• Utility Meters
• Set Top Box/Modem
• POS Equipment
• Network Routers, Hubs, Switches, Bridges
• Cellular Infrastructure Equipment
• Fixed Broadband Wireless Equipment
• Test Meters/Fixtures
• Vending Machine Management
• Security and Anti Tampering Applications
- Panel/Enclosure Status
- Warranty Reporting
- Time Stamping Applications
- Patrol/Security Check (Fire or Light Equipment)
- Automotive Applications
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
VDD
RANGE
TEMP
RANGE
(°C)
PACKAGE
(Pb-Free)
ISL1221IUZ
1221Z
2.7V to 5.5V -40 to +85 10 Ld MSOP
ISL1221IUZ-T* 1221Z
2.7V to 5.5V -40 to +85 10 Ld MSOP
Tape and Reel
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets, molding compounds/die attach materials,
and 100% matte tin plate plus anneal (e3 termination finish, which is
RoHS compliant and compatible with both SnPb and Pb-free soldering
operations). Intersil Pb-free products are MSL classified at Pb-free
peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
1
2
3
4
10
9
8
7
5
6
X1
X2
VBAT
GND
EVIN
VDD
IRQ/EVDET
SCL
SDA
FOUT


Similar Part No. - ISL1221

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1221 INTERSIL-ISL1221 Datasheet
649Kb / 24P
Low Power RTC with Battery Backed
July 15, 2010
ISL1221 INTERSIL-ISL1221 Datasheet
768Kb / 6P
High-Accuracy RTC Modules, Feature-Rich RTCs
ISL1221 INTERSIL-ISL1221 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL1221IUZ INTERSIL-ISL1221IUZ Datasheet
649Kb / 24P
Low Power RTC with Battery Backed
July 15, 2010
ISL1221IUZ-T INTERSIL-ISL1221IUZ-T Datasheet
649Kb / 24P
Low Power RTC with Battery Backed
July 15, 2010
More results

Similar Description - ISL1221

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1209 INTERSIL-ISL1209 Datasheet
416Kb / 24P
Low Power RTC with Battery Backed SRAM and Event Detection
September 27, 2005
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
Low Power RTC with Battery Backed SRAM
June 22, 2006
ISL1209 INTERSIL-ISL1209_06 Datasheet
358Kb / 24P
Low Power RTC with Battery Backed SRAM and Event Detection
October 17, 2006
ISL1208 INTERSIL-ISL1208_06 Datasheet
348Kb / 21P
Low Power RTC with Battery Backed SRAM
August 23, 2006
ISL1219 INTERSIL-ISL1219 Datasheet
643Kb / 24P
Low Power RTC with Battery Backed SRAM and Event Detection
July 15, 2010
ISL12022MR5421 INTERSIL-ISL12022MR5421 Datasheet
401Kb / 29P
Low Power RTC with Battery Backed SRAM, Integrated 5ppm
June 4, 2010
ISL1208IRT8Z INTERSIL-ISL1208IRT8Z Datasheet
406Kb / 24P
Low Power RTC with Battery Backed SRAM
September 12, 2008
logo
Renesas Technology Corp
ISL1209 RENESAS-ISL1209 Datasheet
998Kb / 25P
Low Power RTC with Battery Backed SRAM and Event Detection
ISL1218 RENESAS-ISL1218 Datasheet
883Kb / 21P
Low Power RTC with Battery Backed SRAM
ISL1219 RENESAS-ISL1219 Datasheet
994Kb / 24P
Low Power RTC with Battery Backed SRAM and Event Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com