Electronic Components Datasheet Search
  English  ▼

X  

ISL1221 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL1221
Description  Low Power RTC with Battery Backed SRAM and Event Detection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL1221 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL1221 Datasheet HTML 1Page - Renesas Technology Corp ISL1221 Datasheet HTML 2Page - Renesas Technology Corp ISL1221 Datasheet HTML 3Page - Renesas Technology Corp ISL1221 Datasheet HTML 4Page - Renesas Technology Corp ISL1221 Datasheet HTML 5Page - Renesas Technology Corp ISL1221 Datasheet HTML 6Page - Renesas Technology Corp ISL1221 Datasheet HTML 7Page - Renesas Technology Corp ISL1221 Datasheet HTML 8Page - Renesas Technology Corp ISL1221 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ISL1221
FN6316 Rev 1.00
Page 2 of 24
July 15, 2010
Block Diagram
I2C
INTERFACE
CONTROL
LOGIC
ALARM
FREQUENCY
OUT
RTC
DIVIDER
SDA
BUFFER
CRYSTAL
OSCILLATOR
POR
SWITCH
SCL
BUFFER
SDA
SCL
X1
X2
VDD
VBAT
IRQ/
EVDET
INTERNAL
SUPPLY
VTRIP
Seconds
Minutes
Hours
Day of Week
Date
Month
Year
USER
SRAM
CONTROL
REGISTERS
EVIN
GND
FOUT
Pin Descriptions
PIN
NUMBER
SYMBOL
DESCRIPTION
1X1
X1. The X1 pin is the input of an inverting amplifier and is intended to be connected to one pin of an external
32.768kHz quartz crystal. X1 can also be driven directly from a 32.768kHz source.
2X2
X2. The X2 pin is the output of an inverting amplifier and is intended to be connected to one pin of an external
32.768kHz quartz crystal. X2 should be left open when X1 is driven from external source.
3VBAT
VBAT. This input provides a backup supply voltage to the device. VBAT supplies power to the device in the event that
the VDD supply fails. This pin should be tied to ground if not used.
4GND
Ground.
5EVIN
Event Input (EVIN). The EVIN is an input pin that is used to detect an externally monitored event. When a high signal
is present at the EVIN pin an “event” is detected.
6FOUT
Frequency Output FOUT, Frequency output pin, 15 selectable frequencies. Open drain output.
7SDA
Serial Data (SDA). SDA is a bidirectional pin used to transfer serial data into and out of the device. It has an open
drain output and may be wire OR’ed with other open drain or open collector outputs.
8SCL
Serial Clock (SCL). The SCL input is used to clock all serial data into and out of the device.Open drain output.
9IRQ/EVDET Interrupt (IRQ)/Event Detect (EVDET) Output. Multi-functional pin that can be used as interrupt for Alarm and Event
Detect. Open Drain Output.
10
VDD
VDD. Power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com