Electronic Components Datasheet Search
  English  ▼

X  

ISL1221 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL1221
Description  Low Power RTC with Battery Backed SRAM and Event Detection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL1221 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL1221 Datasheet HTML 9Page - Renesas Technology Corp ISL1221 Datasheet HTML 10Page - Renesas Technology Corp ISL1221 Datasheet HTML 11Page - Renesas Technology Corp ISL1221 Datasheet HTML 12Page - Renesas Technology Corp ISL1221 Datasheet HTML 13Page - Renesas Technology Corp ISL1221 Datasheet HTML 14Page - Renesas Technology Corp ISL1221 Datasheet HTML 15Page - Renesas Technology Corp ISL1221 Datasheet HTML 16Page - Renesas Technology Corp ISL1221 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ISL1221
FN6316 Rev 1.00
Page 13 of 24
July 15, 2010
Real Time Clock Registers
Addresses [00h to 06h]
RTC REGISTERS (SC, MN, HR, DT, MO, YR, DW)
These registers depict BCD representations of the time. As
such, SC (Seconds) and MN (Minutes) range from 0 to 59, HR
(Hour) can either be a 12-hour or 24-hour mode, DT (Date) is 1
to 31, MO (Month) is 1 to 12, YR (Year) is 0 to 99, and DW
(Day of the Week) is 0 to 6.
The DW register provides a Day of the Week status and uses
three bits DW2 to DW0 to represent the seven days of the week.
The counter advances in the cycle 0-1-2-3-4-5-6-0-1-2-…
The assignment of a numerical value to a specific day of the
week is arbitrary and may be decided by the system software
designer. The default value is defined as “0”.
24 HOUR TIME
If the MIL bit of the HR register is “1”, the RTC uses a 24-hour
format. If the MIL bit is “0”, the RTC uses a 12-hour format and
HR21 bit functions as an AM/PM indicator with a “1”
representing PM. The clock defaults to 12-hour format time
with HR21 = “0”.
LEAP YEARS
Leap years add the day February 29 and are defined as those
years that are divisible by 4. Years divisible by 100 are not leap
years, unless they are also divisible by 400. This means that the
year 2000 is a leap year, the year 2100 is not. The ISL1221 does
not correct for the leap year in the year 2100.
Control and Status Registers
Addresses [07h to 0Bh]
The Control and Status Registers consist of the Status
Register, Interrupt and Alarm Register, Analog Trimming and
Digital Trimming Registers.
Status Register (SR)
The Status Register is located in the memory map at address
07h. This is a volatile register that provides either control or
status of RTC failure, battery mode, alarm trigger, event
detection, write protection of clock counter, crystal oscillator
enable and auto reset of status bits.
REAL TIME CLOCK FAIL BIT (RTCF)
This bit is set to a “1” after a total power failure. This is a read
only bit that is set by hardware (ISL1221 internally) when the
device powers up after having lost all power to the device. The
bit is set regardless of whether VDD or VBAT is applied first.
The loss of only one of the supplies does not set the RTCF bit
to “1”. The first valid write to the RTC section after a complete
power failure resets the RTCF bit to “0” (writing one byte is
sufficient).
BATTERY BIT (BAT)
This bit is set to a “1” when the device enters battery backup
mode. This bit can be reset either manually by the user or
automatically reset by enabling the auto-reset bit (see “Auto
Reset Enable Bit (ARST)” on page 14). A write to this bit in the
SR can only set it to “0”, not “1”.
ALARM BIT (ALM)
These bits announce if the alarm matches the real time clock. If
there is a match, the respective bit is set to “1”. This bit can be
manually reset to “0” by the user or automatically reset by
enabling the auto-reset bit (see ARST bit). A write to this bit in
the SR can only set it to “0”, not “1”.
NOTE: An alarm bit that is set by an alarm occurring during an SR read
operation will remain set after the read operation is complete.
EVENT DETECT BIT (EVT)
The event detect bit indicates status of the event input pin
(EVIN). When the Event Detect function is enabled and the
EVIN pin is triggered, the EVT bit is set to “1” to indicate a
detection of an event, and the Time Stamp Register records
the current RTC time. A write to this bit in the SR can only set it
to “0” not “1”.
When a HIGH signal is present at the EVIN pin (or a LOW to
HIGH transition), an “event” is detected. On detection the EVT
bit is set HIGH, the open drain EVDET pin is asserted (pulled
LOW), and the RTC time is recorded in the Time Stamp
registers. The EVT bit will be reset to LOW:
• When the EVT bit is set to 0 with a Status Register write
• When there is a read from the Status Register, with the
ARST bit set to “1” (auto-reset enabled).
If the EVT bit has not been cleared, only the initial (first
occurrence) Timestamp is retained in the Timestamp register,
subsequent triggers of the EVIN pin will not record new
timestamps. If the EVT bit is cleared to “0”, the Timestamp
register will record the time of the next event went the EVIN pin
is triggered.
WRITE RTC ENABLE BIT (WRTC)
The WRTC bit enables or disables write capability into the RTC
Timing Registers. The factory default setting of this bit is “0”.
Upon initialization or power up, the WRTC must be set to “1” to
enable the RTC. Upon the completion of a valid write (STOP),
the RTC starts counting. The RTC internal 1Hz signal is
synchronized to the STOP condition during a valid write cycle.
CRYSTAL OSCILLATOR ENABLE BIT (XTOSCB)
This bit enables/disables the internal crystal oscillator. When
the XTOSCB is set to “1”, the oscillator is disabled, and the X1
pin allows for an external 32kHz signal to drive the RTC. The
XTOSCB bit is set to “0” on power up.
TABLE 6. STATUS REGISTER (SR)
ADDR
7
6
5
4
3
2
1
0
07h
ARST XTOSCB reserved WRTC
EVT
ALM BAT RTCF
Default
0
0
000
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com