Electronic Components Datasheet Search
  English  ▼

X  

ISL1221 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL1221
Description  Low Power RTC with Battery Backed SRAM and Event Detection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL1221 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL1221 Datasheet HTML 16Page - Renesas Technology Corp ISL1221 Datasheet HTML 17Page - Renesas Technology Corp ISL1221 Datasheet HTML 18Page - Renesas Technology Corp ISL1221 Datasheet HTML 19Page - Renesas Technology Corp ISL1221 Datasheet HTML 20Page - Renesas Technology Corp ISL1221 Datasheet HTML 21Page - Renesas Technology Corp ISL1221 Datasheet HTML 22Page - Renesas Technology Corp ISL1221 Datasheet HTML 23Page - Renesas Technology Corp ISL1221 Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ISL1221
FN6316 Rev 1.00
Page 21 of 24
July 15, 2010
Battery Backup Details
The event detection function has been designed to minimize
power drain for extended life in battery backed applications.
Many applications will need detection while in battery backup.
Another bit, the EVBATB bit, is used to control if the event input
is active in battery backup mode. Note that to DISABLE event
sampling in battery backup, this bit is set to 1. The occurrence
of an event is recorded and can be read by the microprocessor
the next time the circuit is powered up. The input current
sources and sampling are also usable in battery backup mode.
If the EVIENB bit is set to disable the input current source, a
large value pullup resistor must be tied to the VBAT input to
allow event detection in battery backup.
Note that any input signal conditioning circuitry that is added in
regular operation or battery backup should have minimum
supply current drain, or have the capability to be put in a low
power standby mode. Op amps such as the EL8176 have low
normal supply current (50µA) and standby power drain (3µA
),
so can be used in battery backup applications.
Oscillator Crystal Requirements
The ISL1221 uses a standard 32.768kHz crystal. Either
through hole or surface mount crystals can be used. Table 14
lists some recommended surface mount crystals and the
parameters of each. This list is not exhaustive and other
surface mount devices can be used with the ISL1221 if their
specifications are very similar to the devices listed. The crystal
should have a required parallel load capacitance of 12.5pF and
an equivalent series resistance of less than 50k. The crystal’s
temperature range specification should match the application.
Many crystals are rated for -10°C to +60°C (especially through
hole and tuning fork types), so an appropriate crystal should be
selected if extended temperature range is required.
Crystal Oscillator Frequency Adjustment
The ISL1221 device contains circuitry for adjusting the
frequency of the crystal oscillator. This circuitry can be used to
trim oscillator initial accuracy as well as adjust the frequency to
compensate for temperature changes.
The Analog Trimming Register (ATR) is used to adjust the load
capacitance seen by the crystal. There are six bits of ATR
control, with linear capacitance increments available for
adjustment. Since the ATR adjustment is essentially “pulling”
the frequency of the oscillator, the resulting frequency changes
will not be linear with incremental capacitance changes. The
equations which govern pulling show that lower capacitor
values of ATR adjustment will provide larger increments. Also,
the higher values of ATR adjustment will produce smaller
incremental frequency changes. These values typically vary
from 6-10 ppm/bit at the low end to <1ppm/bit at the highest
capacitance settings. The range afforded by the ATR
adjustment with a typical surface mount crystal is typically -34
to +80ppm around the ATR=0 default setting because of this
property. The user should note this when using the ATR for
calibration. The temperature drift of the capacitance used in
the ATR control is extremely low, so this feature can be used
for temperature compensation with good accuracy.
In addition to the analog compensation afforded by the
adjustable load capacitance, a digital compensation feature is
available for the ISL1221. There are 3 bits known as the Digital
Trimming Register (DTR). The range provided is ±60ppm in
increments of 20ppm. DTR operates by adding or skipping
pulses in the clock counter. It is very useful for coarse
adjustments of frequency drift over temperature or extending
the adjustment range available with the ATR register.
Initial accuracy is best adjusted by enabling the frequency
output (using the INT register, address 08h), and monitoring
the FOUT pin with a calibrated frequency counter. The
frequency used is unimportant, although 1Hz is the easiest to
monitor. The gating time should be set long enough to ensure
accuracy to at least 1ppm. The ATR should be set to the center
position, or 100000Bh, to begin with. Once the initial
measurement is made, then the ATR register can be changed
to adjust the frequency. Note that increasing the ATR register
for increased capacitance will lower the frequency, and vice-
versa. If the initial measurement shows the frequency is far off,
it will be necessary to use the DTR register to do a coarse
adjustment. Note that most all crystals will have tight enough
initial accuracy at room temperature so that a small ATR
register adjustment should be all that is needed.
Temperature Compensation
The ATR and DTR controls can be combined to provide crystal
drift temperature compensation. The typical 32.768kHz crystal
has a drift characteristic that is similar to that shown in Figure
20. There is a turnover temperature (T0) where the drift is very
near 0. The shape is parabolic as it varies with the square of
the difference between the actual temperature and the
turnover temperature.
TABLE 14. SUGGESTED SURFACE MOUNT CRYSTALS
MANUFACTURER
PART NUMBER
Citizen
CM200S
Epson
MC-405, MC-406
Raltron
RSM-200S
SaRonix
32S12
Ecliptek
ECPSM29T-32.768K
ECS
ECX-306
Fox
FSM-327



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com