Electronic Components Datasheet Search
  English  ▼

X  

G7SA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # G7SA
Description  Relays with Forcibly Guided Contacts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G7SA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  G7SA Datasheet HTML 1Page - List of Unclassifed Manufacturers G7SA Datasheet HTML 2Page - List of Unclassifed Manufacturers G7SA Datasheet HTML 3Page - List of Unclassifed Manufacturers G7SA Datasheet HTML 4Page - List of Unclassifed Manufacturers G7SA Datasheet HTML 5Page - List of Unclassifed Manufacturers G7SA Datasheet HTML 6Page - List of Unclassifed Manufacturers G7SA Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
D-77
G7SA
Specifications
Ratings
Coil
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23°C with tolerances of ±15%.
2. Performance characteristics are based on a coil temperature of 23°C.
3. The value given for the maximum voltage is for voltages applied instantaneously to the Relay coil
(at an ambient temperature of 23°C) and not continuously.
Contacts
Rated voltage
Rated current
Coil resistance
Must-operate
voltage
Must-release
voltage
Max. voltage
Power consumption
24 VDC
4 poles: 15 mA
6 poles: 20.8 mA
4 poles: 1,600
W
6 poles: 1,152
W
75% max. (V)
10% min. (V)
110% (V)
4 poles: Approx. 360 mW
6 poles: Approx. 500 mW
Load
Resistive load (cos
f =1)
Rated load
6 A at 250 VAC, 6 A at 30 VDC
Rated carry current
6 A
Max. switching voltage
250 VAC, 125 VDC
Max. switching current
6 A
Max. switching capacity (reference value)
1,500 VA, 180 W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com